Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4826 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4826
Description  Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4826 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4826 Datasheet HTML 1Page - Silicon Laboratories SI4826 Datasheet HTML 2Page - Silicon Laboratories SI4826 Datasheet HTML 3Page - Silicon Laboratories SI4826 Datasheet HTML 4Page - Silicon Laboratories SI4826 Datasheet HTML 5Page - Silicon Laboratories SI4826 Datasheet HTML 6Page - Silicon Laboratories SI4826 Datasheet HTML 7Page - Silicon Laboratories SI4826 Datasheet HTML 8Page - Silicon Laboratories SI4826 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AN603
Rev. 0.3
5
3.3. FM Image Rejection
3.3.1. Description
The test measures the FM image rejection of the tuner.
3.3.2. Conditions / Procedure
1. Connect test equipment as shown in Figure 1.
2. Configure the tuner in standard configuration.
3. Configure the audio analyzer:
a. Select Analyze.
b. Set Function = THD+N / SINAD.
i. Set Measurement Mode = SINAD.
ii. Set Unit = dB.
iii. Set Filter = A-weighting.
iv. Set Frequency Limit Low = 300 Hz.
v. Set Frequency Limit High = 15000 Hz.
4. Configure generator:
a. Set carrier frequency = 98 MHz.
b. Select FM Modulation.
i. Set FM Deviation = 22.5 kHz.
ii. Set Source = LFGEN.
iii. Set LFGEN Frequency = 1 kHz.
c. Enable modulation.
d. Enable carrier.
5. Adjust generator RF level, VRF1, until audio analyzer SINAD = 26 dB ±1 dB.
6. Record the RF level = VRF1.
7. Change generator carrier frequency to 97.744 MHz
8. Adjust generator RF level*, VRF2, until audio analyzer SINAD = 26 dB ±1 dB.
9. Image rejection (dB) = VRF2 – VRF1.
Note:
Maximum RF level setting for the R&S SML01 signal generator is 120 dBμV. You cannot increase the RF level beyond
this value. If you adjust generator RF level from VRF1 to 120 dBμV, the audio analyzer SINAD still can not get to the
SINAD = 26 dB ±1 dB, your image rejection will be better than 120 dBμV – VRF1.
3.3.3. Pass Criteria
FM Image rejection should be more than 40 dB.


Similar Part No. - SI4826

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826 SILABS-SI4826 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4826 SILABS-SI4826 Datasheet
1Mb / 71P
   Si48XX ATDD PROGRAMMING GUIDE
SI4826-A10 SILABS-SI4826-A10 Datasheet
1Mb / 24P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
logo
Texas Instruments
Si4826DY TI1-Si4826DY Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
More results

Similar Description - SI4826

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
AN602 SILABS-AN602 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN569 SILABS-AN569 Datasheet
1Mb / 40P
   Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
AN651 SILABS-AN651 Datasheet
1,014Kb / 60P
   EVALUATION BOARD TEST PROCEDURE
AN646 SILABS-AN646 Datasheet
1Mb / 46P
   Si477X EVALUATION BOARD TEST PROCEDURE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
logo
ON Semiconductor
NCP1521BEVB ONSEMI-NCP1521BEVB Datasheet
148Kb / 1P
   Test Procedure for the NCP1521B Evaluation Board
5/31/2007
logo
Sanyo Semicon Device
LV8804FVGEVB SANYO-LV8804FVGEVB Datasheet
147Kb / 4P
   Test Procedure for the LV8804FVGEVB Evaluation Board
3/26/2012
logo
Silicon Laboratories
AN388 SILABS-AN388 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
AN316 SILABS-AN316 Datasheet
1Mb / 12P
   AM/FM TUNER FIELD TEST PROCEDURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com