Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4827 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4827
Description  Si48XX ATDD PROGRAMMING GUIDE
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4827 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4827 Datasheet HTML 1Page - Silicon Laboratories SI4827 Datasheet HTML 2Page - Silicon Laboratories SI4827 Datasheet HTML 3Page - Silicon Laboratories SI4827 Datasheet HTML 4Page - Silicon Laboratories SI4827 Datasheet HTML 5Page - Silicon Laboratories SI4827 Datasheet HTML 6Page - Silicon Laboratories SI4827 Datasheet HTML 7Page - Silicon Laboratories SI4827 Datasheet HTML 8Page - Silicon Laboratories SI4827 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
AN610
Rev. 0.3
5
The ATDD device is a slave device and its seven-bit device address is (0010001b). To achieve acceptable or
higher tune frequency update performance, the system controller 2-wire bus mode clock speed of 10 kHz* or
higher is recommended. The ATDD device requires a 32.768 kHz clock supply of 100 ppm for proper radio
operation. The system controller can configure the ATDD device by applying an external reference clock to the
device (various frequencies can be selected) or by using a 32.768 kHz crystal instead.
The ATDD device has flexibility in selecting bands and configuring band properties, such as band top, band
bottom, and channel spacing. In addition, the Si4822/26/40/44 SSOP24 packaged parts have a pull up resistor
option (at pin 1 LNA_EN) to force the ATDD device to use its default band properties rather than the values
programmed by the system controller. For example, when the ATDD device pin 1 is pulled up, it will ignore the
band properties programmed by the system controller programmed (band top, band bottom, channel space, FM
de-emphasis, and FM blend RSSI mono/stereo thresholds). The system controller is able to read this information
from the band configuration state bits from the ATDD device. The Si4827 SOIC16 package ATDD part doesn't have
the pin pull-up option. However, the host controller can send an extra argument byte in the ATDD_POWER_UP
command to specify this band properties priority.
*Note:
The ATDD device requires a slower I2C clock for proper powerup immediately after a hardware reset; i.e., no higher
than 10 kHz is recommended. After the powerup command sequence is succeeded, the host controller can switch to a
higher speed.
To power up the ATDD device for higher I2C clock speed, the host controller needs to obey more strict timing
requirements as below:
1. After reset, the host controller needs to wait till the first IRQ pulse is finished before sending a command;
i.e. send a command after the IRQ falling edge or wait 2.5 ms after the IRQ rising edge.
2. The pulse width of the I2C clock signal (i.e., high to low level ratio) must be equal or greater than 50%.
3. After sending either the ATDD_GET_STATUS command 0xE0 or the ATDD_POWER_UP command 0xE1,
the host controller needs to wait for 2 ms before polling response byte CTS bit or reading the response
directly.
Following the above timing requirements, the ATDD device is tested by powering up successfully for I2C clock
speed up to 50 kHz. Clock speed higher than 50 kHz is possible but is not guaranteed. After reset and the first
successful powerup, the host controller is free to switch to a higher I2C speed and shorter CTS polling interval
(down to 50 µs is recommended).
Customers using 10 kHz I2C clock speed or below for powerup are not required to change their existing host
controller firmware with respect to the new timing requirements.
Table 2. ATDD Device Hardware Interface
Pin Name
Function
RSTb
Device reset input (active low)
IRQ
Host interrupt request output (active high)
SDIO
2-wire bus mode serial data input/output
SCLK
2-wire bus mode serial clock input (Note: ATDD device is
slave)


Similar Part No. - SI4827

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4827 SILABS-SI4827 Datasheet
1Mb / 38P
   Si4822/26/27/40/44 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4827 SILABS-SI4827 Datasheet
1Mb / 42P
   Si4822/26/27/40/44-DEMO BOARD TEST PROCEDURE
SI4827-A10 SILABS-SI4827-A10 Datasheet
1Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4827-A10 SKYWORKS-SI4827-A10 Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4827-A10-CS SKYWORKS-SI4827-A10-CS Datasheet
2Mb / 25P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Similar Description - SI4827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05C4 MOTOROLA-MC68HC05C4 Datasheet
3Mb / 64P
   PROGRAMMING REFRERENCE GUIDE
logo
Silicon Laboratories
AN645 SILABS-AN645 Datasheet
2Mb / 202P
   Si477X PROGRAMMING GUIDE
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
List of Unclassifed Man...
SPL11A ETC-SPL11A Datasheet
1Mb / 42P
   SPL11A PROGRAMMING GUIDE
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Silicon Laboratories
AN349 SILABS-AN349 Datasheet
1Mb / 14P
   Si4708/09 PROGRAMMING GUIDE
logo
Motorola, Inc
M68HC11ERG MOTOROLA-M68HC11ERG Datasheet
1Mb / 60P
   M68HC11E Series Programming Reference Guide
logo
Cypress Semiconductor
CY3207ISSP CYPRESS-CY3207ISSP Datasheet
435Kb / 18P
   In-System Serial Programming (ISSP) Guide
logo
rfsolutions.ltd
BRM01 RFSOLUTIONS-BRM01_03 Datasheet
114Kb / 10P
   2.4GHZ BLUETOOTH TRANSCEIVER MODULE PROGRAMMING GUIDE
logo
M/A-COM Technology Solu...
AN3004 MA-COM-AN3004 Datasheet
83Kb / 5P
   Programming Guide, Integer N PLL Synthesizer 100 - 2800 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com