Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN644 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AN644
Description  Si477X LAYOUT GUIDELINES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN644 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AN644 Datasheet HTML 6Page - Silicon Laboratories AN644 Datasheet HTML 7Page - Silicon Laboratories AN644 Datasheet HTML 8Page - Silicon Laboratories AN644 Datasheet HTML 9Page - Silicon Laboratories AN644 Datasheet HTML 10Page - Silicon Laboratories AN644 Datasheet HTML 11Page - Silicon Laboratories AN644 Datasheet HTML 12Page - Silicon Laboratories AN644 Datasheet HTML 13Page - Silicon Laboratories AN644 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AN644
10
Rev. 0.3
1.6. Thermal Performance for Two-Layer Module Applications
When designing a small, two-layer based on the Si477x, the module size must be no less than 3 x 5 cm to achieve
best thermal performance, as a larger board area dissipates heat more readily. Place all LDOs on the base board if
possible, to eliminate heat sources on the module. Lowering VA from 5.0 V to 4.8 V decreases board temperature
without RF performance degradation.
Connect the IC ground paddle to the bottom layer PCB ground using vias to dissipate heat. Place large vias on the
ground paddle connected to the bottom layer ground as shown in Figure 9. Do not use vias with diameter greater
than 20 mils, as this may impact RF performance. Standard 1 mil via plating lowers thermal resistance and helps
decrease temperature.
Figure 9. Si477x Ground Paddle Via Placement
Connect NC pins, I2C address select pins A0/A1, and the IC ground paddle to the top layer ground with solid
ground fill to lower thermal resistance.
For two-layer module designs, 2 oz Cu weight (70 µm) is required to maximize thermal performance. FR4-370HR
PCB material is recommended for best thermal and RF performance due to its thermal conductivity.


Similar Part No. - AN644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
AN644 MAXIM-AN644 Datasheet
295Kb / 6P
   QuickChip Design Example 2 Low Power Silicon BJT LNA for 1.9GHz
Mar 17, 2000
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
   Speech Network IC Incorporating Cross-Point Switch
More results

Similar Description - AN644

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Texas Instruments
TLV320AIC24 TI-TLV320AIC24 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
NXP Semiconductors
AN10778 PHILIPS-AN10778 Datasheet
280Kb / 14P
   PCB layout guidelines for NXP MCUs in BGA packages
Rev. 2-15 April 2011
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com