Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2157 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI2157
Description  Worldwide Digital and Analog TV Tuner
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2157 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI2157 Datasheet HTML 1Page - Silicon Laboratories SI2157 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hybrid TV Tuner
Copyright © 2012 by Silicon Laboratories
12.19.12
DSP
FILTER
ATV
DEMOD
I
ADC
Q
ADC
0 / 90
LOW-IF
FREQ
SYNTH
RF
AGC
LDO
IF
AGC
XOSC
PGA
PGA
Si2157
ANTENNA
INPUT
3.3 V
1.8 V
DSP
FILTER
AGC
DTV
DEMOD
AV
SoC
RSTB
ADDR
SCL
SDA
DLIF
ATV
DEMOD
AGC
ALIF
Si2157
Worldwide Digital and Analog TV Tuner
Description
A universal hybrid TV tuner, the Si2157 supports
digital and analog reception for all worldwide
terrestrial and cable TV standards. By combining
Silicon
Laboratories’
proven
digital
low-IF
architecture with a 5th-generation RF front-end, the
Si2157 maintains the highest performance that
exceeds that of MOPLL-based tuners, including
industry-leading 2nd order distortion performance.
Pin- and API-compatibility to the previous generation
minimize customers’ development effort.
The Si2157 delivers unprecedented integration with
no external balun, tracking filters, LNAs, SAW filters,
or inductive power supply filtering. While other
solutions may also eliminate the balun, they suffer
degradation
in
NF
and
2nd
order
distortion
compromising
reception.
Silicon
Laboratories’
proprietary and field-proven architecture delivers not
only an optimized BOM but also world-class system
performance. Options for single or dual supply and
internal power-on reset are included. A harmonic
rejection mixer delivers outstanding immunity to
Wi-Fi and LTE interference, replacing the need for
external filtering.
For advanced digital terrestrial TV reception, DVB-T2
and DVB-C2 constellations demand outstanding
phase noise specifications, and the Si2157 rises to
the challenge, delivering industry-leading integrated
phase noise. Additionally, a software-selectable
cable mode offers optimized return loss.
The Si2157 delivers exceptional picture quality and a
higher number of received stations when compared
to other solutions. Incorporating worldwide field
experience from four prior tuner generations in mass
production, the Si2157 delivers the highest tolerance
to real-world reception conditions.
Features
- Worldwide hybrid TV tuner
- Analog TV: NTSC, PAL/SECAM
- Digital TV: ATSC/QAM, DVB-T2/T/C2/C, ISDB-T/C,
DTMB
- Industry-leading margin to A/74, NorDig, D-Book,
C-Book, ARIB, EN55020, OpenCable™ specifications
- Lowest BOM for a silicon hybrid TV tuner
- No balun
- No SAW filters or wire-wound inductors
- Integrated LNAs and complete tracking filters
- Best-in-class real-world reception
- Exceeds discrete MOPLL-based tuners
- Industry-leading phase noise performance
- High immunity to Wi-Fi and LTE interference
- Low power consumption
- 3.3 V and 1.8 V power supplies
- Single-supply option for 3.3 V-only operation
- Integrated power-on reset circuit
- Flexible output interface
- Combined ALIF/DLIF output to SoC
- Optional DLIF output to external demodulator
- Standard CMOS process technology
- 4x4 mm, 28-pin QFN package
- RoHS compliant
Applications
- Hybrid ½-NIM tuner module
- iDTV (Integrated Digital TV)
- Hybrid terrestrial and cable STB
- Hybrid PVR, DVD and Blu-Ray disc recorder
- PC-TV accessories


Similar Part No. - SI2157

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
List of Unclassifed Man...
SI2156 ETC2-SI2156 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
SI2156-B30 ETC2-SI2156-B30 Datasheet
60Kb / 2P
   Worldwide High-Performance TV Tuner IC for Analog and Digital Standards
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
More results

Similar Description - SI2157

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2158 SILABS-SI2158 Datasheet
122Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2151 SKYWORKS-SI2151 Datasheet
196Kb / 2P
   Worldwide Digital and Analog TV Tuner
August 22, 2021
logo
Silicon Laboratories
SI2151 SILABS-SI2151 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner
logo
Skyworks Solutions Inc.
SI2177 SKYWORKS-SI2177 Datasheet
208Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2177 SILABS-SI2177 Datasheet
61Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2178 SILABS-SI2178 Datasheet
117Kb / 2P
   Worldwide Digital and Analog TV Tuner with Analog Demodulator
SI2147 SILABS-SI2147 Datasheet
59Kb / 2P
   Worldwide Digital TV Tuner
logo
Skyworks Solutions Inc.
SI2141 SKYWORKS-SI2141 Datasheet
190Kb / 2P
   Worldwide Digital TV Tuner
August 9, 2021
logo
Silicon Laboratories
SI2148 SILABS-SI2148 Datasheet
123Kb / 2P
   Worldwide Digital TV Tuner
SI2141 SILABS-SI2141 Datasheet
206Kb / 2P
   Worldwide Digital TV Tuner
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com