Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP405 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP405
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP405 Datasheet HTML 1Page - Infineon Technologies AG BFP405 Datasheet HTML 2Page - Infineon Technologies AG BFP405 Datasheet HTML 3Page - Infineon Technologies AG BFP405 Datasheet HTML 4Page - Infineon Technologies AG BFP405 Datasheet HTML 5Page - Infineon Technologies AG BFP405 Datasheet HTML 6Page - Infineon Technologies AG BFP405 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BFP405
SIEGET25
Aug-20-2001
3
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
0.21024
fA
VAF =
39.251
V
NE =
1.7763
-
VAR =
34.368
V
NC =
1.3152
-
RBM =
1.3491

CJE =
3.7265
fF
TF =
4.5899
ps
ITF =
1.3364
mA
VJC =
0.99532
V
TR =
1.4935
ns
MJS =
0-
XTI =
3
-
BF =
83.23
-
IKF =
0.16493
A
BR =
10.526
-
IKR =
0.25052
A
RB =
15

RE =
1.9289
VJE =
0.70367
V
XTF =
0.3641
-
PTF =
0
deg
MJC =
0.48652
-
CJS =
0fF
XTB =
0-
FC =
0.99469
-
NF =
1.0405
-
ISE =
15.761
fA
NR =
0.96647
-
ISC =
0.037223
fA
IRB =
0.21215
mA
RC =
0.12691

MJE =
0.37747
-
VTF =
0.19762
V
CJC =
96.941
fF
XCJC =
0.08161
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
C'-E'-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
2
fA
RS =
20

N =
1.02
-
All parameters are ready to use, no scaling is necessary
Package Equivalent Circuit:
LBI =
0.47
nH
LBO =
0.53
nH
LEI =
0.23
nH
LEO =
0.05
nH
LCI =
0.56
nH
LCO =
0.58
nH
CBE =
136
fF
CCB =
6.9
fF
CCE =
134
fF
Valid up to 6GHz
The SOT-343 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
Extracted on behalf of Infineon Technologies AG by:
Institut für Mobil-und Satellitentechnik (IMST)
For examples and ready to use parameters please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon Technologies CD-ROM or see Internet:
http://www.infineon.com/silicondiscretes


Similar Part No. - BFP405

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP405 SIEMENS-BFP405 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)
logo
Infineon Technologies A...
BFP405 INFINEON-BFP405 Datasheet
540Kb / 9P
   NPN Silicon RF Transistor
2009-11-06
BFP405 INFINEON-BFP405 Datasheet
565Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results

Similar Description - BFP405

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com