Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSPU25A-111 Datasheet(PDF) 2 Page - Total Power International

Part # TPSPU25A-111
Description  25W Desk Top Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSPU25A-111 Datasheet(HTML) 2 Page - Total Power International

  TPSPU25A-111 Datasheet HTML 1Page - Total Power International TPSPU25A-111 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
0.3W
0.5W
0.5W
0.5W
0.3W
0.3W
0.3W
0.3W
0.3W
0.3W
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:170gsapprox.
5~6VDC
6~8VDC
8~11VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
3.30~2.75 A
3.33~2.50 A
2.75~2.00 A
2.27~1.92 A
1.92~1.56 A
1.56~1.19 A
1.19~0.92 A
0.92~0.75 A
0.75~0.62 A
0.62~0.52 A
5%
16.5W
20W
22W
25W
25W
25W
25W
25W
25W
25W
5%
5%
5%
5%
5%
3%
3%
3%
3%
TPSPU25A-102
TPSPU25A-103
TPSPU25A-104
TPSPU25A-105
TPSPU25A-106
TPSPU25A-107
TPSPU25A-108
TPSPU25A-109
TPSPU25A-110
TPSPU25A-111
TPSPU25A SERIES
25WDeskTopType
I.T.E.PowerSupplies
Derating C
urve :
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPSPU25A-111

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU25B TOTAL-POWER-TPSPU25B Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-102 TOTAL-POWER-TPSPU25B-102 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-103 TOTAL-POWER-TPSPU25B-103 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-104 TOTAL-POWER-TPSPU25B-104 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25B-105 TOTAL-POWER-TPSPU25B-105 Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
More results

Similar Description - TPSPU25A-111

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU25A ASTRODYNE-SPU25A Datasheet
318Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25C ASTRODYNE-SPU25C Datasheet
323Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
SPU25B ASTRODYNE-SPU25B Datasheet
334Kb / 2P
   25W Desk Top Switching Power Supplies For I.T.E
logo
Total Power Internation...
TPSPU25B TOTAL-POWER-TPSPU25B Datasheet
359Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU25C TOTAL-POWER-TPSPU25C Datasheet
360Kb / 2P
   25W Desk Top Seitching Power Supplies For I.T.E.
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com