Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJM90PS19 Datasheet(PDF) 1 Page - XP Power Limited

Part # AJM90PS19
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AJM90PS19 Datasheet(HTML) 1 Page - XP Power Limited

  AJM90PS19 Datasheet HTML 1Page - XP Power Limited AJM90PS19 Datasheet HTML 2Page - XP Power Limited AJM90PS19 Datasheet HTML 3Page - XP Power Limited AJM90PS19 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AJM90 Series
AC-DC Power Supplies
• Energy Efficiency Level VI
• Medical and ITE Safety Approvals
• 4th Edition Medical EMC
• Class I and Class II Versions
• <0.21 W Standby Power
• 0 °C to 60 °C Operation
• Low Earth Leakage Current
• 3 Year Warranty
90 Watts
Dimensions:
AJM90:
5.51 x 2.8 x 0.87” (140.0 x 71.0 x 22.0 mm)
www.xppower.com
1
Models & Ratings
Notes
Output Power
Output Voltage
Output Current
Total Regulation
Efficiency(1)
Model Number(2)
90 W
12.0 V
7.50 A
±5%
88%
AJM90PS12
18.0 V
5.00 A
89%
AJM90PS18
19.0 V
4.74 A
90%
AJM90PS19
24.0 V
3.75 A
90%
AJM90PS24
1. Typical average of efficiencies measured at 25%, 50%, 75% and 100% load and 230 VAC input.
2. For class II versions, add suffix 'C2' to the end of the part number e.g. AJM90US24C2. Class II versions do not have ITE approvals.
59.0 (1500.0)
Pin 4
Pin 2
Pin 3
Pin 1
0.26 (6.5)
0.39
(10.0)
With Lock
4.72 (120.0)
3.15 (80.0)
1.6 (42.4)
1.18 (30.0)
0.94 (24.0)
0.59 (15.0)
Wire no. UL11352
Gauge: 18 AWG
Colour: Black
1.5 (39.0)
5.5 (140.0)
0.86 (22.0)
0.29
(7.4)
0.29
(7.4)
Optional C2 Version
IEC320-C8 Inlet
IEC320-C6
Inlet
2.7
(71.0)
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Output connector: Locking Power Mini DIN, mates with Kycon KPJ-4S or
equivalent.
3. Weight: 0.77 lbs (350 g) approx.
4. For European mains lead order part EU-MAINS-5 or EU-MAINS-8 for C2 versions.
5. For UK mains lead order part UK-MAINS-5 or UK-MAINS-8 for C2 versions.
6. For US mains lead order part US-MAINS-5 or US-MAINS-8 for C2 versions.
Notes
Mechanical Details


Similar Part No. - AJM90PS19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AJM90PS19 XPPOWER-AJM90PS19 Datasheet
652Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - AJM90PS19

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com