Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSPU60-110 Datasheet(PDF) 2 Page - Total Power International

Part # TPSPU60-110
Description  60W Desk Top Type I.T.E. Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSPU60-110 Datasheet(HTML) 2 Page - Total Power International

  TPSPU60-110 Datasheet HTML 1Page - Total Power International TPSPU60-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
0.5W
MechanicalSpecifications:
Note:
1.Dimensionsareshowninmm.
2.
3.Optionaloutputconnector:
Seepage Appendix.
Weight:340gsapprox.
Derating C
urve :
1.Operating Temperature:0to70°C
2.Deratelinearlyfrom100%loadat40°Cto50%
loadat70°C
0%
0
10
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
TPSPU60 SERIES
60WDeskTopType
I.T.E.PowerSupplies
TPSPU60-101
TPSPU60-102
TPSPU60-103
TPSPU60-104
TPSPU60-105
TPSPU60-105-1
TPSPU60-106
TPSPU60-107
TPSPU60-108
TPSPU60-109
TPSPU60-110
TPSPU60-111
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~50VDC
6.60~4.00 A
6.00~5.00 A
5.83~4.37 A
5.00~3.63 A
4.54~3.84 A
5.45~4.61 A
4.23~3.43 A
3.75~2.85 A
2.85~2.22 A
2.22~1.81 A
1.81~1.50 A
1.50~1.20 A
7%
5%
5%
5%
5%
5%
5%
5%
5%
5%
3%
3%
20W
30W
40W
35W
50W
60W
55W
60W
60W
60W
60W
60W
TPSPU60-105-1is requiredtouse AWG#16/4FT,UL2464 outputcable.
TPSPU60-105,106~107arerequiredtouse AWG#16/4FT,UL1185outputcable.
TPSPU60-108~111arerequiredtouse AWG#18/4FT,UL1185outputcable.
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPSPU60-110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU61A-105 TOTAL-POWER-TPSPU61A-105 Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU61A-106 TOTAL-POWER-TPSPU61A-106 Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU61A-107 TOTAL-POWER-TPSPU61A-107 Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
TPSPU61A-108 TOTAL-POWER-TPSPU61A-108 Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
More results

Similar Description - TPSPU60-110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU61A TOTAL-POWER-TPSPU61A Datasheet
288Kb / 2P
   60W Desk Top Type I.T.E. Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
SPU60-101 VOLGEN-SPU60-101 Datasheet
370Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSPU16D TOTAL-POWER-TPSPU16D Datasheet
351Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU25A TOTAL-POWER-TPSPU25A Datasheet
349Kb / 2P
   25W Desk Top Type I.T.E. Power Supplies
TPSPU16E TOTAL-POWER-TPSPU16E Datasheet
283Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU46 TOTAL-POWER-TPSPU46 Datasheet
270Kb / 2P
   50W Desk Top Type I.T.E. Power Supplies
TPSPU16B TOTAL-POWER-TPSPU16B Datasheet
294Kb / 2P
   15W Desk Top Type I.T.E. Power Supplies
TPSPU63 TOTAL-POWER-TPSPU63 Datasheet
227Kb / 2P
   63W Desk Top Type I.T.E. Power Supplies
TPSPU100 TOTAL-POWER-TPSPU100 Datasheet
272Kb / 2P
   100W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com