Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCB200PS48 Datasheet(PDF) 10 Page - XP Power Limited

Part # CCB200PS48
Description  Very Long Capacitor Lifetime
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCB200PS48 Datasheet(HTML) 10 Page - XP Power Limited

Back Button CCB200PS48 Datasheet HTML 2Page - XP Power Limited CCB200PS48 Datasheet HTML 3Page - XP Power Limited CCB200PS48 Datasheet HTML 4Page - XP Power Limited CCB200PS48 Datasheet HTML 5Page - XP Power Limited CCB200PS48 Datasheet HTML 6Page - XP Power Limited CCB200PS48 Datasheet HTML 7Page - XP Power Limited CCB200PS48 Datasheet HTML 8Page - XP Power Limited CCB200PS48 Datasheet HTML 9Page - XP Power Limited CCB200PS48 Datasheet HTML 10Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10 Dec 15
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. Weight: 1.36 lb (618 g) approx
CCB200PSxx-C Models
CCB200PSxx-AC Models
M3 Mounting Holes
in 2 positions
4.72 (120.0)
0.39
(9.85)
0.93
(23.7)
Pin 2
Pin 1
Pin 10
Pin 9
Detail A
Signals Connector CON4
10 way JST B10B-PHDSS
5.50 ±0.02 (139.7 ±0.5)
3.48 ±0.02
(88.5 ±0.5)
1
2
A
-VE
+VE
1.75 (44.4)
1.73
(43.9)
1.03
(26.1)
0.59 (15.0)
Con 4
Con 3
Con 2
Output Terminals
M4 Screws in
2 positions
torque to 8 lbs
(90 cNm) max.
4.72 (120.0)
0.39
(9.85)
1.97
(50.0)
0.7
(19.3)
M3 mounting holes in 4 positions
maximum penetration by screw to be
3.0 mm from bottom face of cover
Output Voltage Control
Con 1
M3 Mounting Holes
in 2 positions
4.72 (120.0)
0.39
(9.85)
0.93
(23.7)
Pin 2
Pin 1
Pin 10
Pin 9
Detail A
Signals Connector CON4
10 way JST B10B-PHDSS
5.50 ±0.02 (139.7 ±0.5)
3.48 ±0.02
(88.5 ±0.5)
1
2
A
-VE
+VE
1.75 (44.4)
1.73
(43.9)
1.03
(26.1)
0.59 (15.0)
Con 4
Con 3
Con 2
Output Terminals
M4 Screws in
2 positions
torque to 8 lbs
(90 cNm) max.
4.72 (120.0)
0.39
(9.85)
1.97
(50.0)
0.7
(19.3)
M3 mounting holes in 4 positions
maximum penetration by screw to be
3.0 mm from bottom face of cover
Output Voltage Control
Con 1
B
10
Mechanical Details
xppower.com
Standby Output
(Option -A)
1
+5 V
2
+5 V
3
0 V
4
0 V
Output Connector CON 3
1
+V1
2
V1 RTN
Input Connector CON 1
1
Line
2
Neutral
Mates with Molex housing
09-50-1031 and Molex
series 5194 crimp terminals.
Signals Connector CON 4
1
Power Fail (Emitter)
2 Power Fail (Collector)
3
Inhibit (Cathode)
4
Inhibit (Anode)
5
N/C
6
N/C
7
- VE Sense
8
- VE Sense
9
+VE Sense
10
+VE Sense
Mates with JST PHDR-
10VS housing and JST
SPHD-001T-P0.5 crimp
terminals
Mates with JST PHDR-4
housing and JST
SPH-002T-P0.5L crimp
terminals


Similar Part No. - CCB200PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCB200PS48 XPPOWER-CCB200PS48 Datasheet
1Mb / 5P
   Very Low Heat Loss
More results

Similar Description - CCB200PS48

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
   Long Lifetime Operation
logo
Inventronics Inc.
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
   96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVL INVENTRONICS-EUD-096SXXXDVL Datasheet
695Kb / 13P
   96W Programmable Driver with Ultra Long Lifetime
Rev.B
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
   150W Programmable Driver with Ultra Long Lifetime
Rev. C
logo
OptoSupply Internationa...
OSOOJ23131A OPTOSUPPLY-OSOOJ23131A Datasheet
109Kb / 1P
   3mm Round Orange & Orange LED Long Lifetime Operation
logo
Inventronics Inc.
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
   240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
logo
OptoSupply Internationa...
OSM5XAHBE1E OPTOSUPPLY-OSM5XAHBE1E Datasheet
502Kb / 2P
   Tops 25 Power Warm White LED Long lifetime operation
logo
Cornell Dubilier Electr...
3198 CDE-3198 Datasheet
788Kb / 3P
   Very Long Life, Low ESR
3198 CDE-3198_17 Datasheet
2Mb / 3P
   Very Long Life, Low ESR
logo
OptoSupply Internationa...
OSM5XAHEE1E OPTOSUPPLY-OSM5XAHEE1E Datasheet
530Kb / 2P
   Tops 200 (300) Power Warm White LED Long lifetime operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com