Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4704-D50 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4704-D50
Description  BROADCAST FM RADIO RECEIVER FOR CONSUMER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4704-D50 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4704-D50 Datasheet HTML 1Page - Silicon Laboratories SI4704-D50 Datasheet HTML 2Page - Silicon Laboratories SI4704-D50 Datasheet HTML 3Page - Silicon Laboratories SI4704-D50 Datasheet HTML 4Page - Silicon Laboratories SI4704-D50 Datasheet HTML 5Page - Silicon Laboratories SI4704-D50 Datasheet HTML 6Page - Silicon Laboratories SI4704-D50 Datasheet HTML 7Page - Silicon Laboratories SI4704-D50 Datasheet HTML 8Page - Silicon Laboratories SI4704-D50 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev. 1.0 12/10
Copyright © 2010 by Silicon Laboratories
Si4704/05-D50
Si4704/05-D50
B ROADCAST FM R ADIO R ECEIVER FOR C ONSUMER
E LECTRONICS
Features
Applications
Description
The Si4704/05-D50 FM/RDS/RDBS receivers provide the highest performance
and lowest power consumption available for portable devices today. The 100%
CMOS IC integrates the complete FM and data receiver function from antenna to
analog or digital audio and data out in a single 3 x 3 mm 20-pin QFN.
Functional Block Diagram
Worldwide FM band support
(64–108 MHz)
RDS/RBDS decoding engine
(Si4705 only)
Lowest power consumption
Received signal quality indicators
On-chip tuned resonance for
embedded antenna support
Multipath detection and mitigation
FM Hi-cut control
Advanced FM stereo-mono blend
Advanced audio processing
Not EN 55020 compliant*
Automatic gain control (AGC)
Integrated FM LNA
Image-rejection mixer
Frequency synthesizer with
integrated VCO
Low-IF direct conversion with no
external ceramic filters
2.7 to 5.5 V supply voltage
Dual 1.8 and 2.7 V power supplies
Stereo audio out
I2S Digital audio out
20-pin 3 x 3 mm QFN package

Pb-free/RoHS compliant
*Note: *For consumer electronics applications that require EN 55020 compliance,
use Si4704/05-D60.
Cellular handsets
Portable media devices
Dedicated data receiver
Personal navigation devices (PND)
GPS-enabled handsets and portable
devices
ADC
ADC
Si4704/05
DSP
DAC
DAC
ROUT
LOUT
AFC
GPO
RFGND
LNA
FMI
AGC
PGA
(TYP)
RCLK
REG
VA
2.7–5.5 V
FM Antenna
XTAL
OSC
LPI
32.768 kHz
0/90
DOUT
DCLK
DFS
CONTROL
INTERFACE
RSSI
RDS
(Si4705)
This product, its features, and/or its
architecture is covered by one or
more of the following patents, as well
as
other
patents,
pending
and
issued, both foreign and domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940; 7,339,503; 7,339,504.
Ordering Information:
See page 27.
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT
LOUT
ROUT
GND
RST
NC
LPI
VA
FMI
RFGND
Si4704/05-GM
(Top View)


Similar Part No. - SI4704-D50

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
SI4704-D50-GM SKYWORKS-SI4704-D50-GM Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results

Similar Description - SI4704-D50

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com