Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECC100 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECC100
Description  100 W - Baseplate Cooled
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECC100 Datasheet(HTML) 4 Page - XP Power Limited

  ECC100 Datasheet HTML 1Page - XP Power Limited ECC100 Datasheet HTML 2Page - XP Power Limited ECC100 Datasheet HTML 3Page - XP Power Limited ECC100 Datasheet HTML 4Page - XP Power Limited ECC100 Datasheet HTML 5Page - XP Power Limited ECC100 Datasheet HTML 6Page - XP Power Limited ECC100 Datasheet HTML 7Page - XP Power Limited ECC100 Datasheet HTML 8Page - XP Power Limited ECC100 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Output Ripple & Noise
Figure 6
V1 ECC100 (full load)
27 mV pk-pk ripple. 20 MHz BW
xppower.com
4
Output Overshoot
Figure 5
Typical Output Overshoot
(ECC100US12 shown)


Similar Part No. - ECC100

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC100US12 XPPOWER-ECC100US12 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US15 XPPOWER-ECC100US15 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US24 XPPOWER-ECC100US24 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US28 XPPOWER-ECC100US28 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
ECC100US48 XPPOWER-ECC100US48 Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
More results

Similar Description - ECC100

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECC XPPOWER-ECC Datasheet
318Kb / 2P
   100 W - Baseplate Cooled
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
   Baseplatecooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Emerson Network Power
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
   600 W continuous power at 100 째C baseplate temperature
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
EMH XPPOWER-EMH Datasheet
6Mb / 22P
   250 W & 350 W Forced-cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com