Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMH250PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # CMH250PS48
Description  250 W Convection-cooled
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMH250PS48 Datasheet(HTML) 3 Page - XP Power Limited

  CMH250PS48 Datasheet HTML 1Page - XP Power Limited CMH250PS48 Datasheet HTML 2Page - XP Power Limited CMH250PS48 Datasheet HTML 3Page - XP Power Limited CMH250PS48 Datasheet HTML 4Page - XP Power Limited CMH250PS48 Datasheet HTML 5Page - XP Power Limited CMH250PS48 Datasheet HTML 6Page - XP Power Limited CMH250PS48 Datasheet HTML 7Page - XP Power Limited CMH250PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CMH250 Series
www.xppower.com
AC-DC Power Supplies
3
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
89
%
230 VAC full load
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2 x MOPP
1500
VAC
1 X MOPP
500
VDC
Switching Frequency
62-560
kHz
PFC
59
kHz
Main converter
50-130
kHz
Standby
Power Density
5.7
W/in3
Mean Time Between Failure
203
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
2.02 (919)
lb (g)
CMH250PSxx
2.36 (1072)
CMH250PSxx-C
Efficiency Vs Load
Figure 2
12 V Models
Figure 3
24 V Models
Figure 4
48 V Models
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
30%
40%
50%
60%
70%
80%
90% 100%
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
30%
40%
50%
60%
70%
80%
90% 100%
115V
230V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
20%
30%
40%
50%
60%
70%
80%
90%
100%
115V
230V


Similar Part No. - CMH250PS48

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CMH2012GM121N2E SAMWHA-CMH2012GM121N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM181N2E SAMWHA-CMH2012GM181N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM221N2E SAMWHA-CMH2012GM221N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM700N2E SAMWHA-CMH2012GM700N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
CMH2012GM900N2E SAMWHA-CMH2012GM900N2E Datasheet
130Kb / 1P
   COMMON MODE FILTERS
More results

Similar Description - CMH250PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
   100 W Convection-cooled
logo
Bel Fuse Inc.
ABC600 BEL-ABC600_V01 Datasheet
711Kb / 12P
   600 W standard, 420 W convection cooled
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
   600 W standard, 420 W convection cooled
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
   150/225 W Convection/ Forcedcooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
   80/100 W Convection & Force-cooled Ratings
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com