Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFR1K5PS24 Datasheet(PDF) 10 Page - XP Power Limited

Part # GFR1K5PS24
Description  1U Blind-Mate Hotswap Redundant
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GFR1K5PS24 Datasheet(HTML) 10 Page - XP Power Limited

Back Button GFR1K5PS24 Datasheet HTML 6Page - XP Power Limited GFR1K5PS24 Datasheet HTML 7Page - XP Power Limited GFR1K5PS24 Datasheet HTML 8Page - XP Power Limited GFR1K5PS24 Datasheet HTML 9Page - XP Power Limited GFR1K5PS24 Datasheet HTML 10Page - XP Power Limited GFR1K5PS24 Datasheet HTML 11Page - XP Power Limited GFR1K5PS24 Datasheet HTML 12Page - XP Power Limited GFR1K5PS24 Datasheet HTML 13Page - XP Power Limited GFR1K5PS24 Datasheet HTML 14Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
xppower.com
Xxxxxxxxxx
10
10011388 revision B
Mechanical Details
0.50 (12.7)
INPUT /OUTPUT CONNECTOR
FCI P/N 51939-103
11.80 (299.7)
4.00
(101.6)
9.00 (228.6)
8.00 (203.2)
1.70 (43.3)
2X M4 X 0.7 THD
0.15 (3.8) MAX SCREW PENETRATION
4X M4 X 0.7 THD
0.15 (3.8) MAX SCREW PENETRATION
1.25
(31.8)
1.25
(31.8)
2.95
(74.9)
0.51 (12.9)
0.53 (13.3)
0.80
(20.3)
1.65
(41.8)
GUIDE PIN C/L
0.38 (9.7)
0.51 (12.9)
CHASSIS BOTTOM TO
GUIDE PIN CENTERLINE
2.00 (50.8)
C
CONNECTOR
L
V1 VOLTAGE ADJUSTMENT POT
PIN CONNECTIONS
Pin
Function
Pin
Function
A6
SIGNAL GND
A3
GA1 (I
2C)
B6
DC OK
B3
GA0 (I
2C)
C6
INHIBIT
C3
I
2C GND
D6
FAULT
D3
PMB SDA (DATALINE)
A5
AC OK/POWER FAIL
A2
PMB SCL (CLOCK)
B5
ENABLE (48-56 V models)
B2
PWR ID
C5
NC
C2
V PROGRAM
D5
CURRENT MONITOR
D2
ENABLE (12-24 V models)
A4
NC
A1
CURRENT SHARE
B4
5V STANDBY RETURN
B1
NC
C4
5V STANDBY
C1
- SENSE
D4
GA2 (I
2C)
D1
+ SENSE
PIN CONNECTIONS
Pin
Function
P1
AC NEUTRAL
P2
AC LINE
P3
CHASSIS GND
P4
-VOUT
P5
-VOUT
P6
-VOUT
P7
+VOUT
P8
+VOUT
P9
+VOUT
Notes:
1. All dimensions are in inches (mm).
Tolerance: X.XX = ±0.02 (±0.50), X.XXX = ±0.01 (±0.25)
2. Output connector: BERG/FCI P/N 51939-103LF
Mating connector: BERG/FCI P/N 51866-025LF right-angle PCB receptacle or
BERG/FCI P/N 51940-117LF verticle PCB receptacle.
Mating connector evaluation purposes.
Contact Sales
Figure 20


Similar Part No. - GFR1K5PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GFR1K5PS24 XPPOWER-GFR1K5PS24 Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
More results

Similar Description - GFR1K5PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GFR XPPOWER-GFR Datasheet
277Kb / 4P
   1U BlindMate, Hotswap, Redundant
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
   1U redundant power supply
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
   1U 750W Redundant Power Module
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
   1400W 1U Redundant Power Module
EFRP-S2287HPM ETC2-EFRP-S2287HPM Datasheet
399Kb / 2P
   1U 280W Redundant Network Power
EFRP-P280AH ETC2-EFRP-P280AH Datasheet
823Kb / 2P
   800W CRPS 1U Redundant Power
EFRP-S2207HPM ETC2-EFRP-S2207HPM Datasheet
532Kb / 2P
   1U 200W Redundant Network Power
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com