Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP620 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP620
Description  NPN Silicon Germanium RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP620 Datasheet HTML 1Page - Infineon Technologies AG BFP620 Datasheet HTML 2Page - Infineon Technologies AG BFP620 Datasheet HTML 3Page - Infineon Technologies AG BFP620 Datasheet HTML 4Page - Infineon Technologies AG BFP620 Datasheet HTML 5Page - Infineon Technologies AG BFP620 Datasheet HTML 6Page - Infineon Technologies AG BFP620 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BFP620
Apr-21-2004
4
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transitor Chip Data:
IS =
0.22
fA
VAF =
1000
V
NE =
2-
VAR =
2V
NC =
2-
RBM =
2.707
CJE =
250.7
fF
TF =
1.43
ps
ITF =
2.4
A
VJC =
0.6
V
TR =
0.2
ns
MJS =
0.5
-
XTI =
3-
AF =
2
-
TITF1
-0.0065
-
NF =
1.025
-
ISE =
21
fA
NR =
1-
ISC =
18
pA
IRB =
1.522
mA
RC =
2.364
MJE =
0.3
-
VTF =
1.5
V
CJC =
124.9
fF
XCJC =
1-
VJS =
0.52
V
EG =
1.078
eV
TNOM
298
K
BF =
425
-
IKF =
0.25
A
BR =
50
-
IKR =
10
mA
RB =
3.129
RE =
0.6
-
VJE =
0.75
V
XTF =
10
-
PTF =
0
deg
MJC =
0.5
-
CJS =
128.1
fF
NK =
-1.42
-
FC =
0.8
KF =
7.291E-11
TITF2
1.0E-5
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
B
C
E
C C E O
C B E O
C C E I
C B E I
C B E C
C B C C
S
C
B
E
B F P 6 2 0 _ C h i p
L B C
L C C
L E C
R C B S
R C C S
R C E S
L B B
L C B
L E B
I t f = 2 4 0 0 * ( 1 - 6 . 5 e - 3 * ( T - 2 5 ) + 1 . 0 e - 5 * ( T - 2 5 ) ^ 2 )
T =
2 5 ° C
LBC =
60
pH
LCC =
50
pH
LEC =
15
pH
LBB =
764.5
pH
LCB =
725.4
pH
LEB =
259.6
pH
CBEC = 98.4
fF
CBCC = 55.9
fF
CES =
140
fF
CBS =
54
fF
CCS =
50
fF
CCEO = 106.5
fF
CBEO = 106.7
fF
CCEI =
132.4
fF
CBEI =
99.6
fF
RBS =
1200
RCS =
1200
RES =
300
For examples and ready to use parameters
please contact your local Infineon Technologies
distributor or sales office to obtain a Infineon
Technologies CD-ROM or see Internet:
http//www.infineon.com/silicondiscretes
Valid up to 6GHz


Similar Part No. - BFP620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFP620 ETC1-BFP620 Datasheet
350Kb / 4P
   NPN Transistor
logo
Infineon Technologies A...
BFP620 INFINEON-BFP620 Datasheet
641Kb / 11P
   NPN Silicon Germanium RF Transistor
2010-09-21
BFP620 INFINEON-BFP620 Datasheet
665Kb / 10P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-13
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
BFP620F INFINEON-BFP620F Datasheet
158Kb / 6P
   NPN Silicon Germanium RF Transistor
Apr-21-2004
More results

Similar Description - BFP620

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com