Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR92T Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFR92T
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR92T Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFR92T Datasheet HTML 1Page - Infineon Technologies AG BFR92T Datasheet HTML 2Page - Infineon Technologies AG BFR92T Datasheet HTML 3Page - Infineon Technologies AG BFR92T Datasheet HTML 4Page - Infineon Technologies AG BFR92T Datasheet HTML 5Page - Infineon Technologies AG BFR92T Datasheet HTML 6Page - Infineon Technologies AG BFR92T Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BFR92T
Aug-08-2001
6
Collector-base capacitance Ccb = f (VCB)
f = 1MHz
0
5
10
15
V
25
VCB
0
0.2
0.4
pF
0.8
Transition frequency fT = f (IC)
VCE = Parameter
0
5
10
15
20
25
mA
35
IC
0
1
2
3
4
GHz
6
8V
5V
3V
2V
1V
Power Gain Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
IC
-2
2
6
10
14
dB
22
8V
5V
3V
2V
1V
Power Gain Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
25
mA
35
IC
-6
-3
0
3
6
dB
12
8V
5V
3V
2V
1V


Similar Part No. - BFR92T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92 PHILIPS-BFR92 Datasheet
76Kb / 10P
   NPN 5 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFR92 VISHAY-BFR92 Datasheet
145Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Seme LAB
BFR92 SEME-LAB-BFR92 Datasheet
484Kb / 4P
   SMALL SIGNAL NPN RF TRANSISTOR
logo
List of Unclassifed Man...
BFR92A ETC2-BFR92A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
BFR92A PHILIPS-BFR92A Datasheet
118Kb / 12P
   NPN 5 GHz wideband transistor
1997 Oct 29
More results

Similar Description - BFR92T

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com