Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ31704EVM-003 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMZ31704EVM-003
Description  Simple Switcher짰 Power Module Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31704EVM-003 Datasheet(HTML) 4 Page - Texas Instruments

  LMZ31704EVM-003 Datasheet HTML 1Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 2Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 3Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 4Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 5Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 6Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 7Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 8Page - Texas Instruments LMZ31704EVM-003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3.5
0
I
(A)
OUT
1
2
3
4
5
6
7
8
9
10
V
= 1.8 V
F
= 500 kHz
OUT
SW
PV
V
IN
IN
_
5 V
12 V
3.0
2.5
2.0
1.5
1.0
0.5
0
90
100
0
Iout (A)
1
2
3
4
5
6
7
8
9
10
80
70
60
50
40
30
20
10
0
V
= 1.8 V
F
= 500 kHz
OUT
SW
PV
V
IN
IN
_
5 V
12 V
Operation Notes
www.ti.com
4
Operation Notes
In order to operate the EVM using a single power supply, the Vin Select jumper (P1) must be in the
default PVIN-VIN position shown in Figure 1. In this position, the PVin and Vin pins of the device are
connected together. The UVLO threshold of the EVM is approximately 4 V with 0.15 V of hysteresis. The
input voltage must be above the UVLO threshold in order for the device to startup. After startup, the
minimum input voltage to the device must be at least 4.5 V or (Vout + 0.7 V), whichever is greater. The
maximum operating input voltage for the device is 17 V. Refer to the LMZ317xx datasheet for further
information on the input voltage range, UVLO operation, and optional split power supply operation for
operating with PVin as low as 2.95 V when using an external Vbias supply.
After application of the proper input voltage, the output voltage of the device will ramp to its final value in
approximately 1.2 ms. If desired, this soft-start time can be increased by adding a capacitor to the SS/TR
test point as described above. Refer to the LMZ317xx datasheet for further information on adjusting the
soft-start time.
Table 1 lists the recommended switching frequencies for each of the Vout selections. These
recommendations cover operation over a wide range of input voltage and output load conditions. Several
factors such as duty cycle, minimum on-time, minimum off-time, and current limit influence selection of the
appropriate switching frequency. In some applications, other switching frequencies might be used for
particular output voltages, depending on the above factors. Refer to the LMZ317xx datasheet for further
information on switching frequency selection, including synchronization.
The EVM includes input and output capacitors to accommodate the entire range of input and output
voltage conditions. The actual capacitance required will depend on the input and output voltage conditions
of the particular application, along with the desired transient response. In most cases, the required output
capacitance will be less than that supplied on the EVM. Refer to the LMZ317xx datasheet for further
information on the minimum required I/O capacitance and transient response.
The LMZ317xx operates in pulse skip mode at light currents to improve light load efficiency (LLE mode).
At output voltages of less than 1.5 V, the pulse skipping may cause the output to rise when there is no
load to discharge the energy. A minimum load of 600 µA or less, depending on Vout, is required to keep
the output voltage within regulation. For the worst case condition of Vout = 0.6 V, a 1-k
Ω resistor would
provide a required minimum load of 600 µA. If the application requires an additional load to meet the
minimum load requirement, the additional load could be connected external to the EVM or installed in the
R16 position on the underside of the EVM. Refer to the LMZ317xx datasheet for further information on
LLE mode and determining the required minimum load.
5
Performance Data
Figure 2 through Figure 9 demonstrate the LMZ31710EVM performance with Vout = 1.8 V and
Fsw = 500 kHz. For data regarding the LMZ31707 and the LMZ31704 please see the product data sheet.
Figure 2. LMZ31710EVM Efficiency
Figure 3. LMZ31710EVM Power Dissipation
4
LMZ31710, LMZ31707 and LMZ31704 Simple Switcher® Power Module
SLVU895A – March 2013 – Revised June 2013
Evaluation Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - LMZ31704EVM-003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704RVQR TI1-LMZ31704RVQR Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704RVQT TI1-LMZ31704RVQT Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results

Similar Description - LMZ31704EVM-003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LMZ10504 NSC-LMZ10504 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum
LMZ14203 NSC-LMZ14203_2 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501 TI1-LMZ20501 Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com