Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG-791 Datasheet(PDF) 11 Page - Analog Devices

Part # UG-791
Description  Evaluation Board for the ADF5904 4-Channel, 24 GHz Receiver Downconverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-791 Datasheet(HTML) 11 Page - Analog Devices

Back Button UG-791 Datasheet HTML 6Page - Analog Devices UG-791 Datasheet HTML 7Page - Analog Devices UG-791 Datasheet HTML 8Page - Analog Devices UG-791 Datasheet HTML 9Page - Analog Devices UG-791 Datasheet HTML 10Page - Analog Devices UG-791 Datasheet HTML 11Page - Analog Devices UG-791 Datasheet HTML 12Page - Analog Devices UG-791 Datasheet HTML 13Page - Analog Devices UG-791 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
EV-ADF5904SD2Z User Guide
UG-791
Figure 8. Evaluation Board Schematic (Page 4)
Figure 9. Evaluation Board Schematic (Page 5)
L1
A
C
D2
R25
R21
1
8
2
7
PAD
4
6
3
5
U2
VDD
MBR0540T1G
4.7UH
ADP7104
AVDD1
AVDD
0
0
IO
IO
AGND
IO
AGND
AGND
AGND
AGND
AGND
SENSE
PAD
VIN
PG
GND
EN
NC
GND
VOUT
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
U1
C8
C7
C6
RX1_RFIN
RX2_BBO
RX3_RFIN
RX34_AHI
RX4_BBOB
10PF
100PF
1000PF
10PF
100PF
10PF
100PF
1000PF
1000PF
RX12_AHI
LO_AHI
RX34_AHI
ADF5904
RX4_RFIN
RX2_RFIN
RX12_AHI
AGND
AGND
IN
IN
IN
IN
IN
IN
IN
IN
AGND
Rev. 0 | Page 11 of 14


Similar Part No. - UG-791

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-795 AD-UG-795 Datasheet
440Kb / 9P
   Output voltage accuracy
More results

Similar Description - UG-791

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5904 AD-ADF5904 Datasheet
326Kb / 15P
   4-Channel, 24 GHz,Receiver Downconverter
ADF5904 AD-ADF5904_V01 Datasheet
363Kb / 15P
   4-Channel, 24 GHz, Receiver Downconverter
Rev. A
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com