Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB60S36K Datasheet(PDF) 5 Page - SL Power Electronics

Part # GB60S36K
Description  Less than 0.5W no-load Power Consumption
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GB60S36K Datasheet(HTML) 5 Page - SL Power Electronics

  GB60S36K Datasheet HTML 1Page - SL Power Electronics GB60S36K Datasheet HTML 2Page - SL Power Electronics GB60S36K Datasheet HTML 3Page - SL Power Electronics GB60S36K Datasheet HTML 4Page - SL Power Electronics GB60S36K Datasheet HTML 5Page - SL Power Electronics GB60S36K Datasheet HTML 6Page - SL Power Electronics GB60S36K Datasheet HTML 7Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GB60S
60W Single Output
General Purpose
www.slpower.com
GB60S 18-DEC-14
5
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification, measured using a scope probe socket with
0.1uF ceramic and a 10uF electrolytic capacitor connected in parallel across it, 20MHz BW.
24V OUT, NO LOAD, 90VAC, 60HZ
24V OUT, FULL LOAD, 90VAC, 60HZ
24V OUT, NO LOAD, 264VAC, 50HZ
24V OUT, FULL LOAD, 264VAC, 50HZ


Similar Part No. - GB60S36K

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GB60S36K SLPOWER-GB60S36K Datasheet
2Mb / 7P
   60W Single Output
More results

Similar Description - GB60S36K

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPEMP250G TOTAL-POWER-TPEMP250G Datasheet
118Kb / 2P
   NO LOAD POWER CONSUMPTION <0.5W
logo
ETA-USA
OAC-20 ETA-USA-OAC-20 Datasheet
1Mb / 3P
   20W AC/DC No Load Consumption 0.5W
logo
DB Lectro Inc
NCF2 DBLECTRO-NCF2 Datasheet
103Kb / 2P
   Low coil power consumption. / Operation noise: less than 5odb.
logo
Minmax Technology Co., ...
MJW15 MINMAX-MJW15 Datasheet
526Kb / 10P
   Low No Load Power Consumption
logo
Recom International Pow...
RAC20-N RECOM-RAC20-N Datasheet
892Kb / 4P
   0.25W max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
   30mW max. No Load Power Consumption
logo
AIMTEC
AMSRI-78-NZ AIMTEC-AMSRI-78-NZ Datasheet
121Kb / 4P
   Ultra-low no load power consumption
logo
Recom International Pow...
RAC04-C277 RECOM-RAC04-C277 Datasheet
453Kb / 6P
   50mW max. No Load Power Consumption
RAC02-SE277 RECOM-RAC02-SE277 Datasheet
402Kb / 4P
   35mW max. No Load Power Consumption
RAC02-SE277W RECOM-RAC02-SE277W Datasheet
380Kb / 4P
   35mW max. No Load Power Consumption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com