Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4040CT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MBR4040CT
Description  40A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MBR4040CT Datasheet(HTML) 1 Page - Frontier Electronics.

  MBR4040CT Datasheet HTML 1Page - Frontier Electronics. MBR4040CT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR4040(F)CT THRU MBR40200(F)CT SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
Fig 2. ITO-220AB FOR MBR40xxxFCT
40A SCHOTTKY BARRIER RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT, SEE FIG.1
n
IO
40 PER DEVICE (20 PER LEG)
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
400
A
TYPICAL THERMAL RESISTANCE
R
θjC
2.2 (4.0
FOR ≥100V DEVICE)
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 65 TO +175
°C
MAXIMUM REVERSE CURRENT AT 25°C PER LEG (NOTE 1)
IR
0.1
(0.01mA FOR ≥100V DEVICE)
mA
MAXIMUM REVERSE CURRENT AT 125°C PER LEG (NOTE 1)
IR
15
mA
ISOLATION VOLTAGE FROM TERMINAL TO HEATSINK T=1MIN
1500 (FOR MBR40xxxFCT ONLY)
VAC
PART NUMBER
MAX RECURRENT PK
REVERSE VOLTAGE/DC
BLOCKING VRRM/VR (V)
MAX
VRMS (V)
OPERATING TEMPERATURE
RANGE (°C)
MAXIMUM FORWARD VOLTAGE
VF @ IF=20A
@25°C
@125°C
MBR4040(F)CT
40
28
- 55 TO +150
0.65V
0.57V
MBR4045(F)CT
45
31.5
- 55 TO +150
0.65V
0.57V
MBR4060(F)CT
60
42
- 55 TO +150
0.75V
0.70V
MBR40100(F)CT
100
70
- 55 TO +150
0.85V
0.75V
MBR40150(F)CT
150
105
- 55 TO +175
0.95V
0.85V
MBR40200(F)CT
200
140
- 55 TO +175
0.95V
0.85V
NOTE︰ 1. PULSE TEST: 300μS PULSE WIDTH, 1% DUTY CYCLE.
2. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXTREMELY LOW VF
3.
LOW STORED CHARGE
4.
MAJORITY CARRIER CONDUCTION
5.
LOW POWER LOSS/HIGH EFFICIENCY
6.
CASE: TRANSFER MOLDED
TO-220AB FOR MBR40xxxCT
ITO-220AB FOR MBR40xxxFCT
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-202 METHOD 208
9.
WEIGHT: 2.15 GRAMS (TO-220AB)
1.55GRAMS (ITO-220AB)
10
RoHS COMPLIANT AND HALOGEN FREE
Fig 1. TO-220AB FOR MBR40xxxCT


Similar Part No. - MBR4040CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR4040CT CHENYI-MBR4040CT Datasheet
477Kb / 2P
   40Amp schottky barrier rectifier 20to60 volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
EM Microelectronic - MA...
MBR4040CT EMMICRO-MBR4040CT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
MBR4040CT ZSELEC-MBR4040CT Datasheet
344Kb / 2P
   40.0A SCHOTTKY BARRIER DIODE
logo
Microdiode Electronics ...
MBR4040CT CHENDA-MBR4040CT Datasheet
667Kb / 2P
   40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR4040CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR40-03 FRONTIER-SR40-03 Datasheet
124Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S40D30 MOSPEC-S40D30 Datasheet
258Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(40A,30-60V)
logo
Diodes Incorporated
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
   40A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
logo
Shindengen Electric Mfg...
DF40SC3L SHINDENGEN-DF40SC3L Datasheet
554Kb / 10P
   Schottky Rectifiers (SBD) (30V 40A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com