Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTB9M4-3P3411 Datasheet(PDF) 3 Page - SICK AG

Part # WTB9M4-3P3411
Description  Photoelectric proximity sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTB9M4-3P3411 Datasheet(HTML) 3 Page - SICK AG

  WTB9M4-3P3411 Datasheet HTML 1Page - SICK AG WTB9M4-3P3411 Datasheet HTML 2Page - SICK AG WTB9M4-3P3411 Datasheet HTML 3Page - SICK AG WTB9M4-3P3411 Datasheet HTML 4Page - SICK AG WTB9M4-3P3411 Datasheet HTML 5Page - SICK AG WTB9M4-3P3411 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/22/2016 3:35:14 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) 5) Q = light-switching 6) As of
Tu 50 °C, a max. load current Ilmax. = 50 mA is permitted 7) Signal transit time with resistive load 8) With light/dark ratio 1:1 9) Do not bend below 0 °C 10) A = VS
connections reverse-polarity protected 11) B = inputs and output reverse-polarity protected 12) C = interference suppression
Switching mode:
Light/dark switching 5)
Output current Imax.:
≤ 100 mA 6)
Response time:
< 0.5 ms 7)
Switching frequency:
1,000 Hz 8)
Connection type:
Cable with connector M12, 4-pin, 120 mm 9)
Circuit protection:::
A, B, C 10) 11) 12)
Protection class:
III
Weight:
13 g
Optics material:
PMMA
Enclosure rating:
IP 66
IP 67
IP 69K
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493
Housing material:
Plastic, VISTAL
Dimensional drawing


Similar Part No. - WTB9M4-3P3411

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB9M4-3P3411S14 SICK-WTB9M4-3P3411S14 Datasheet
857Kb / 6P
   Photoelectric proximity sensor
More results

Similar Description - WTB9M4-3P3411

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WT2F-P280 SICK-WT2F-P280 Datasheet
672Kb / 6P
   Photoelectric proximity sensor
WT100-2N3439 SICK-WT100-2N3439 Datasheet
831Kb / 7P
   Photoelectric proximity sensor
WT100-2P0409S45 SICK-WT100-2P0409S45 Datasheet
837Kb / 7P
   Photoelectric proximity sensor
WT100-2P4419 SICK-WT100-2P4419 Datasheet
825Kb / 7P
   Photoelectric proximity sensor
WTB4S-3N1132H SICK-WTB4S-3N1132H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3N1135H SICK-WTB4S-3N1135H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3204HS01 SICK-WTB4S-3P3204HS01 Datasheet
1Mb / 6P
   Photoelectric proximity sensor
WTB4S-3P3235H SICK-WTB4S-3P3235H Datasheet
1Mb / 6P
   Photoelectric proximity sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com