Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4706-C31 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4706-C31
Description  HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4706-C31 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4706-C31 Datasheet HTML 2Page - Silicon Laboratories SI4706-C31 Datasheet HTML 3Page - Silicon Laboratories SI4706-C31 Datasheet HTML 4Page - Silicon Laboratories SI4706-C31 Datasheet HTML 5Page - Silicon Laboratories SI4706-C31 Datasheet HTML 6Page - Silicon Laboratories SI4706-C31 Datasheet HTML 7Page - Silicon Laboratories SI4706-C31 Datasheet HTML 8Page - Silicon Laboratories SI4706-C31 Datasheet HTML 9Page - Silicon Laboratories SI4706-C31 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Si4706-C31
6
Rev. 1.0
Figure 1. Reset Timing Parameters for Busmode Select Method
Table 4. Reset Timing Characteristics1,2,3
(VDD = 2.7 to 5.5 V, VIO = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
RST Pulse Width and GPO1, GPO2/INT Setup to RST
tSRST
100
µs
GPO1, GPO2/INT Hold from RST
tHRST
30
ns
Important Notes:
1. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
2. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high until
after the first start condition.
3. When selecting 3-wire or SPI modes, the user must ensure that a rising edge of SCLK does not occur within 300 ns
before the rising edge of RST.
4. If GPO1 and GPO2 are actively driven by the user, then minimum tSRST is only 30 ns. If GPO1 or GPO2 is high
impedance, then minimum tSRST is 100 µs to provide time for on-chip 1 M devices (active while RST is low) to pull
GPO1 high and GPO2 low.
70%
30%
GPO1
70%
30%
GPO2
70%
30%
tSRST
RST
tHRST


Similar Part No. - SI4706-C31

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4706-D50 SILABS-SI4706-D50 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-D50-GM SKYWORKS-SI4706-D50-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
SI4706-GM SKYWORKS-SI4706-GM Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
More results

Similar Description - SI4706-C31

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4706-D50 SILABS-SI4706-D50 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
logo
Skyworks Solutions Inc.
SI4706-D50 SKYWORKS-SI4706-D50 Datasheet
404Kb / 35P
   HIGH-PERFORMANCE FM AND RDS/RBDS RECEIVER
Revision 0.1 to Revision 0.2
logo
Silicon Laboratories
SI4706 SILABS-SI4706 Datasheet
1Mb / 3P
   High-Performance FM RDS/RBDS Data Receiver
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
SI4704-D60-GUR SILABS-SI4704-D60-GUR Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4622-A10 SILABS-SI4622-A10 Datasheet
46Kb / 2P
   High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
SI4624-A10 SILABS-SI4624-A10 Datasheet
982Kb / 3P
   High-Performance, Single-Chip FM/DAB/DAB/RDS/RBDS
logo
List of Unclassifed Man...
SI4706 ETC2-SI4706 Datasheet
817Kb / 15P
   Introducing High-Performance FM RDS Data Receiver ICs
logo
Rohm
BU1924 ROHM-BU1924 Datasheet
81Kb / 5P
   RDS / RBDS decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com