Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME30A1203F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # ME30A1203F01
Description  20 to 30W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME30A1203F01 Datasheet(HTML) 1 Page - SL Power Electronics

  ME30A1203F01 Datasheet HTML 1Page - SL Power Electronics ME30A1203F01 Datasheet HTML 2Page - SL Power Electronics ME30A1203F01 Datasheet HTML 3Page - SL Power Electronics ME30A1203F01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ME30
20 to 30W Single Output External Power
Medical Series
www.slpower.com
ME30 Rev 1.6
1-FEB-16
PRELIMINARY
1
Features
Meets UL/EN/IEC60601-1-2, 4th edition for
EMC
*
Approved to EN/IEC/UL60601-1, 3rd edition
2 MOPP input-output isolation
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 30W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets EN55011/CISPR11, FCC Part 15.109
Class B Conducted & Radiated Emissions, with
>6db margin
E-cap life of >8 years
>1,000,000 hours MTBF
IP22 Rated Enclosure
3 Year Warranty
Description
A high performance AC to DC external power supply family designed for medical applications. The ME30A Medical Series
low power external AC-DC power supplies are approved to safety EN/IEC/UL60601-1, 3rd edition with isolation levels
which satisfy the 2 MOPP requirements and designed to UL/EN/IEC60601-1-2, 4th edition for EMC
*. The ME30A Series
models will operate at universal input range of 90 to 264Vac over the wide temperature range of -20°C to +50°C,
delivering full rated output power up to +40°C and applicable output power derating at 50
°C. These models are available
in desktop and wall-plug versions, include an IP22 rating per IEC60529 for the enclosure, and output cable terminated at
a variety of output connectors.
*Consult Factory for Table 9 compliance information.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Overvoltage
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Trip Range
Connector
Configuration
ME30A0503F01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class I
Desktop,
IEC60320 C14
Receptacle
ME30A1203F01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503F01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803F01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403F01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803F01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
ME30A0503N01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II
Desktop,
IEC60320 C8
Receptacle
ME30A1203N01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503N01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803N01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403N01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803N01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
ME30A0503Q01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II
Desktop,
IEC60320 C18
Receptacle
ME30A1203Q01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
ME30A1503Q01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
ME30A1803Q01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
ME30A2403Q01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
ME30A4803Q01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V


Similar Part No. - ME30A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME30A1203F01 SLPOWER-ME30A1203F01 Datasheet
614Kb / 5P
   20 to 30W Single Output External Power
More results

Similar Description - ME30A1203F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME30 SLPOWER-ME30_16 Datasheet
614Kb / 5P
   20 to 30W Single Output External Power
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
logo
Chinfa Electronics Ind....
KAMN30 CHINFA-KAMN30_15 Datasheet
250Kb / 4P
   AC - DC POWER MODULE 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
logo
Chinfa Electronics Ind....
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com