Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4736-C40 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI4736-C40
Description  BROADCAST AM/FM RADIO RECEIVER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4736-C40 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI4736-C40 Datasheet HTML 1Page - Silicon Laboratories SI4736-C40 Datasheet HTML 2Page - Silicon Laboratories SI4736-C40 Datasheet HTML 3Page - Silicon Laboratories SI4736-C40 Datasheet HTML 4Page - Silicon Laboratories SI4736-C40 Datasheet HTML 5Page - Silicon Laboratories SI4736-C40 Datasheet HTML 6Page - Silicon Laboratories SI4736-C40 Datasheet HTML 7Page - Silicon Laboratories SI4736-C40 Datasheet HTML 8Page - Silicon Laboratories SI4736-C40 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Si4736/37/38/39-C40
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage2
VDD
2.7
5.5
V
Interface Supply Voltage
VIO
1.85
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Interface Power Supply Powerup Rise Time
VIORISE
10
µs
Ambient Temperature
TA
–20
25
85
C
Note:
1.
All minimum and maximum specifications apply across the recommended operating conditions. Typical values apply at
VDD = 3.3 V and 25 C unless otherwise stated.
2.
SSOP devices operate down to VDD = 2 V at 25 °C.
Table 2. Absolute Maximum Ratings1,2
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
–0.5 to 5.8
V
Interface Supply Voltage
VIO
–0.5 to 3.9
V
Input Current3
IIN
10
mA
Input Voltage3
VIN
–0.3 to (VIO + 0.3)
V
Operating Temperature
TOP
–40 to 95
C
Storage Temperature
TSTG
–55 to 150
C
RF Input Level4
0.4
VPK
Notes:
1.
Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure beyond
recommended operating conditions for extended periods may affect device reliability.
2.
The Si4736/37/38/39 devices are high-performance RF integrated circuits with certain pins having an ESD rating of <
2 kV HBM. Handling and assembly of these devices should only be done at ESD-protected workstations.
3.
For input pins SCLK, SEN, SDIO, RST, RCLK, and DCLK.
4.
At RF input pins, FMI and AMI.


Similar Part No. - SI4736-C40

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4736-C40-GM SILABS-Si4736-C40-GM Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
Si4736-C40-GU SILABS-Si4736-C40-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results

Similar Description - SI4736-C40

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com