Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB65 Datasheet(PDF) 2 Page - SL Power Electronics

Part # TB65
Description  65W Single Output Test and Measurement/Industrial Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TB65 Datasheet(HTML) 2 Page - SL Power Electronics

  TB65 Datasheet HTML 1Page - SL Power Electronics TB65 Datasheet HTML 2Page - SL Power Electronics TB65 Datasheet HTML 3Page - SL Power Electronics TB65 Datasheet HTML 4Page - SL Power Electronics TB65 Datasheet HTML 5Page - SL Power Electronics TB65 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TB65
65W Single Output
Test and Measurement/Industrial Series
www.slpower.com
TB65 REV 2.0
25-SEP-15
2
General Specifications
Turn-On Input
Voltage
>75Vac ± 8Vac. Full spec performance at 85Vac.
Short Circuit
Protection (SCP)
Short across the output terminals will not cause
damage to the unit. Hiccup Mode , Auto-recovery
Turn-Off Input
Voltage
<63Vac ± 8Vac
Over Voltage
Protection (OVP)
Latches off when output voltage is with range as
shown in table. Requires AC Power cycle to reset
Input Fuses
3.15A, 250Vac, line and neutral inputs
Over Temperature
Protection (OTP)
Power shuts down at temperature of 70°
C(typical)
at full load. Hiccup Mode , Auto-recovery
Earth Leakage
Current
<350 mA@264Vac, 60Hz input, NC
Output Reverse
Voltage Protection
Outputs protected against momentary reverse
current less than 20A peak for less than 10mS with
0.5A average. Sustained reverse current at high
levels may damage unit.
Leakage Current
(Output to Earth)
<4 mA@264Vac, 60Hz input
Isolation
Input-Output:
3000Vac
Input-Ground:
1900Vac
Output-Ground: 500Vac
Output Voltage
12V to 48Vdc. See models chart for part
numbering.
Turn-On &
Operating
Temperature
-20°C to +70°C.
Turn on Temperature = -40°C at >=120Vac, allowing
[x] seconds for stabilization.
De-rated output power at 70°C = 45.5W
Voltage Adjustability
+/- 10%
Storage
Temperature
-40°C to +85°C
Efficiency
88% - 90% typical at 115/230Vac, 25°C. See chart
for additional details
Altitude
Operating:
-500m to 5000m
Non-operating: -500 to 40,000 feet
Output Power
65W continuous convection cooled, -20C to 50°C
ambient. 85Vac to 264Vac. See chart for de-
rating above 50°C.
Relative Humidity
5% to 95%, non-condensing
Transient Response
500µS typ. response time for return to within
0.5% of final value for a 50% load change, ∆i/∆t<
0.2A/µs. Max. volt. deviation is ±3.5%.
IPC 610
Class 2
Minimum Load
Not required.
Safety Standards
IEC 60950-1, 2nd Edition
CAN/CSA – C22.2 No 60950-1
DEMKO EN60950-1
Shock
(IEC 60068-2-27)
Operating: Half-sine shock waveform. Impact
Acceleration: 20g, Pulse duration: 11mS.
Cycles: 3 times per axis in X,Y, Z direction
Non-Operating: Half-sine shock waveform.
Impact Acceleration: 100g, Pulse duration: 6mS
Cycles: 3 times per direction on 3 axes (X,Y. Z)
Vibration
(IEC 60068-2-6)
(IEC 60068-2-64)
Operating: Sinusoidal Frequency: 10-500Hz, Impact
Acceleration: 1g, Sweep rate: 1 octave/min
Cycles: 10 times per axis in X, Y, Z direction
Random Vibration:
Operating: 0.003g2/Hz, 1.224grms overall, 3 axes, 10
min per axis, 1-500Hz.
Non-Operating: 0.02g2/Hz, 3.1grms overall, 3 axes, 1
hour per axis, 20-500 Hz
E-Cap Life
>10 Years in use condition of 40°C ambient, at
12h/day, 261 days/year. Additional information
on other use profiles available on request.
MTBF
572,500 hours @ 110/220Vac, 25°C
Bellcore issue 6.
Overshoot
<2% overshoot at turn-on, <1% overshoot at turn-
off, under all conditions.
Weight
140g, typical
Total Regulation
±1.0 % for all models.
Dimensions
W: 2.0” x L: 3.5” x H: 1.3”
W: 50.8mm x L: 88.9mm x H: 33.02mm


Similar Part No. - TB65

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6500 TOSHIBA-TB6500 Datasheet
623Kb / 17P
   2 PHASE BIPOLAR STEPPER FULL BRIDGE DRIVER
TB6500AH TOSHIBA-TB6500AH Datasheet
623Kb / 17P
   2 PHASE BIPOLAR STEPPER FULL BRIDGE DRIVER
TB6501 TOSHIBA-TB6501 Datasheet
278Kb / 8P
   BRIDGE DRIVER WITH ROTATION DETECTOR
TB6501P TOSHIBA-TB6501P Datasheet
278Kb / 8P
   BRIDGE DRIVER WITH ROTATION DETECTOR
TB6504 TOSHIBA-TB6504 Datasheet
729Kb / 20P
   PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER
More results

Similar Description - TB65

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
   110W Single Output Test and Measurement/Industrial Series
MINT1065 SLPOWER-MINT1065 Datasheet
353Kb / 3P
   65W Single Output Series
MINT1065D SLPOWER-MINT1065D Datasheet
409Kb / 3P
   65W Single Output Series
TB65 SLPOWER-TB65_16 Datasheet
641Kb / 6P
   65W Single Output
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
   Test and measurement equipment
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
   PWR163 Series Power Resistor Test and measurement
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
   65W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com