Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE10A0703F01 Datasheet(PDF) 3 Page - SL Power Electronics

Part # TE10A0703F01
Description  10W-12W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE10A0703F01 Datasheet(HTML) 3 Page - SL Power Electronics

  TE10A0703F01 Datasheet HTML 1Page - SL Power Electronics TE10A0703F01 Datasheet HTML 2Page - SL Power Electronics TE10A0703F01 Datasheet HTML 3Page - SL Power Electronics TE10A0703F01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TE10
10W-12W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE10 Rev 2.3 1-JAN-16
3
EMI/EMC Compliance
Conducted Emissions:
EN55022/CISPR22 Class B, FCC Part 15.107, Class B: 6db margin typ, at 115 and 230Vac
Radiated Emissions:
EN55022/CISPR22 Class B, FCC Part 15.109, Class B: 3db margin typ, at 115 and 230Vac
Common Mode Noise:
High Frequency (100kHz-20MHz): <40mA pk-pk
Electro-Static Discharge (ESD)
Immunity on Power ports:
EN55024/IEC61000-4-2, Level 4: +/- 8kV contact, +/- 15kV air, Criteria A
Radiated RF EM Fields Susceptibility
EN55022/EN61000-4-3, 10V/m, 80MHz-2.7GHz, 80% AM at 1kHz
Electrical Fast Transients (EFT) /Bursts:
EN55024/IEC61000-4-4, Level 4, +/- 4.4kV, 100Khz rep rate, 40A, Criteria A
Surges, Line to Line (Diff Mode) and Line
to GND (CMN Mode)
EN55024/IEC61000-4-5, Level 4, +/-2kV DM, +/-4kV CM, Criteria A
Conducted Disturbances induced by RF
Fields
EN55022/IEC61000-4-6, 3.6V/m – Level 4, 0.15 to 80Mhz; and 12V/m) in ISM and amateur
radio bands between 0.15Mhz and 80Mhz, 80% AM at 1KHz
Rated Power frequency magnetic fields
EN55024/IEC1000-4-8, Level 4: 30 A/m, 50/60 Hz
Voltage Interruptions, Dips, Sags &
Surges
EN55024/IECEN61000-4-11:
--100% dip for 20mS, Criteria A
--100% dip for 5000mS (250/300 cycles), Criteria B
--60% dip for 100mS, Criteria B
--30% dip for 500mS, Criteria A
Harmonic Current Emissions
EN55011/EN61000-3-2, Class A
Flicker Test
EN61000-3-3
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
Mechanical Drawing
IEC60320 C14 Receptacle, 2.5 x 5.5 x 9.5mm Barrel Connector
Interchangeable N.A. Blade, 2.5 x 5.5 x 9.5mm barrel connector
Notes:
1. Weight: 110g.
2. All dimensions in mm.
3. Interchangeable blade models come with North American blade fitted. For other blades (EU, UK, Aust.) order blade kit KT1027K.
4. The unit should not be covered or enclosed to protect against excessive case temperature rise.


Similar Part No. - TE10A0703F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE10A0703F01 SLPOWER-TE10A0703F01 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
More results

Similar Description - TE10A0703F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
ME10 SLPOWER-ME10 Datasheet
655Kb / 4P
   10W-12W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
APC-12 MEANWELL-APC-12 Datasheet
182Kb / 2P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12_12 Datasheet
790Kb / 2P
   12W Single Output Switching Power Supply
APC-12E MEANWELL-APC-12E Datasheet
75Kb / 3P
   12W Single Output Switching Power Supply
APC-12 MEANWELL-APC-12_12 Datasheet
804Kb / 3P
   12W Single Output Switching Power Supply
APV-12E MEANWELL-APV-12E Datasheet
76Kb / 3P
   12W Single Output Switching Power Supply
APV-12 MEANWELL-APV-12 Datasheet
208Kb / 2P
   12W Single Output Switching Power Supply
logo
SL Power Electronics
ME60 SLPOWER-ME60 Datasheet
707Kb / 4P
   60W Single Output External Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com