Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME60A0551Q01 Datasheet(PDF) 3 Page - SL Power Electronics

Part # ME60A0551Q01
Description  60W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

ME60A0551Q01 Datasheet(HTML) 3 Page - SL Power Electronics

  ME60A0551Q01 Datasheet HTML 1Page - SL Power Electronics ME60A0551Q01 Datasheet HTML 2Page - SL Power Electronics ME60A0551Q01 Datasheet HTML 3Page - SL Power Electronics ME60A0551Q01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ME60
60W Single Output External Power
Medical Series
www.slpower.com
ME60 Rev 2.4
31-JAN-16
3
EMI/EMC Compliance
Conducted Emissions:
EN55011/CISPR11 Class B, FCC Part 15.107, Class B: 6db margin typ, at 115 and 230Vac
Radiated Emissions:
EN55011/CISPR11 Class B, FCC Part 15.109, Class B: 3db margin typ, at 115 and 230Vac
Common Mode Noise:
High Frequency (100kHz-20MHz): <40mA pk-pk
Electro-Static Discharge (ESD)
Immunity on Power ports:
EN55024/IEC61000-4-2, Level 4: +/- 8kV contact, +/- 15kV air, Criteria A
IEC60601-1-2, 4
th Edition, Table 4
Radiated RF EM Fields Susceptibility
EN55022/EN61000-4-3, 10V/m, 80MHz-2.7GHz, 80% AM at 1kHz
IEC60601-1-2, 4
th Edition, Table 4
Electrical Fast Transients (EFT) /Bursts:
EN55024/IEC61000-4-4, Level 4, +/- 4.4kV, 100Khz rep rate, 40A, Criteria A
IEC60601-1-2, 4
th Edition, Table 5
Surges, Line to Line (Diff Mode) and Line
to GND (CMN Mode)
EN55024/IEC61000-4-5, Level 4, +/-2kV DM, +/-4kV CM, Criteria A
Surpasses IEC60601-1-2, 4
th Edition requirements.
Conducted Disturbances induced by RF
Fields
EN55022/IEC61000-4-6, 3.6V/m – Level 4, 0.15 to 80Mhz; and 12V/m) in ISM and amateur
radio bands between 0.15Mhz and 80Mhz, 80% AM at 1KHz
IEC60601-1-2, 4
th Edition, Table 5
Rated Power frequency magnetic fields
EN55024/IEC1000-4-8, Level 4: 30 A/m, 50/60 Hz
IEC60601-1-2, 4th Edition, Table 4
Voltage Interruptions, Dips, Sags &
Surges
EN55024/IECEN61000-4-11: --100% dip for 20mS, Criteria A
--100% dip for 5000mS (250/300 cycles), Criteria B
--60% dip for 100mS, Criteria B
--30% dip for 500mS, Criteria A
IEC60601-1-2, 4th Edition, Table 5
Harmonic Current Emissions
EN55011/EN61000-3-2, Class A
Flicker Test
EN61000-3-3
All specifications are typical at nominal input, full load, at 25
°C ambient unless noted.
Mechanical Drawing
12V through 48V Models: 2.5 x 5.5 x 9.5mm
5V Models: Output Connector: 6 pin Molex 39-01-2060
Barrel Connector, center positive.
or equiv. Pins 1, 4 = (+), pins 3, 6 = (-), pins 2, 5 = NC
Notes:
1) All dimensions in mm.
2) 2.5mm barrel connector shown, other options are available.
3) The unit should not be covered or enclosed to protect against excessive case temperature rise.


Similar Part No. - ME60A0551Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME60A0551Q01 SLPOWER-ME60A0551Q01 Datasheet
633Kb / 4P
   60W Single Output External Power
More results

Similar Description - ME60A0551Q01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE60 SLPOWER-TE60_16 Datasheet
828Kb / 6P
   60W Single Output External Power
ME60 SLPOWER-ME60_16 Datasheet
633Kb / 4P
   60W Single Output External Power
TE60 SLPOWER-TE60 Datasheet
761Kb / 4P
   60W Single Output External Power
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
   60W Single Output
logo
Mean Well Enterprises C...
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60_12 Datasheet
216Kb / 3P
   60W Single Output Switching Power Supply
HLG-60H_1108 MEANWELL-HLG-60H_1108 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com