Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE30A1503F01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # TE30A1503F01
Description  20W-30W Single Output External Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE30A1503F01 Datasheet(HTML) 1 Page - SL Power Electronics

  TE30A1503F01 Datasheet HTML 1Page - SL Power Electronics TE30A1503F01 Datasheet HTML 2Page - SL Power Electronics TE30A1503F01 Datasheet HTML 3Page - SL Power Electronics TE30A1503F01 Datasheet HTML 4Page - SL Power Electronics TE30A1503F01 Datasheet HTML 5Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TE30
20W-30W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE30 Rev 1.5
11-JAN-16
PRELIMINARY
1
Features
Meets DoE Efficiency Level VI Requirements
No load input power
Average Efficiency
Up to 30W of AC-DC Power
Universal Input 90-264Vac Input Range
Desktop and Wall-Plug versions
Meets “Heavy Industrial” Levels of EN61000 EMC
Requirements
Meets EN55011/CISPR11, and FCC Part 15.109
Class B Conducted & Radiated Emissions, with 6db
margin
Approved to EN/IEC/UL60950-1, 2
nd Ed., Am. 2
E-cap life of >8 years
>1,000,000 hours MTBF
3 Year Warranty
Description
A high performance AC to DC external power supply family designed for test & measurement and industrial applications. The TE30A
Series models are compliant with Efficiency Level VI requirements per U.S. Dept. of Energy, as well as the Heavy Industrial levels of
various EN61000-4-x standards for EMC.
Model Selection
Model
Output
Output
Ripple &
Line
Load
Overvoltage
Output
Input
Number
Volts
Current
Power
Noise
¹
Regulation
Regulation
Trip Range
Connector
Configuration
TE30A0503F01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class I
Desktop,
IEC60320 C14
Receptacle
TE30A1203F01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
TE30A1503F01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
TE30A1803F01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
TE30A2403F01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
TE30A4803F01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
TE30A0503N01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II
Desktop,
IEC60320 C8
Receptacle
TE30A1203N01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
TE30A1503N01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
TE30A1803N01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
TE30A2403N01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
TE30A4803N01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
TE30A0503Q01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II
Desktop,
IEC60320 C18
Receptacle
TE30A1203Q01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
TE30A1503Q01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
TE30A1803Q01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
TE30A2403Q01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
TE30A4803Q01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
TE30A0503B01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II Wall-
Plug,
Interchangeabl
e Blades (North
American Blade
included)
²
TE30A1203B01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
TE30A1503B01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
TE30A1803B01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
TE30A2403B01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
TE30A4803B01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
TE30A0503C01
5.0V
4.00A
20W
75mV pk-pk
±1%
±5%
5.75V-7.75V
2.5 x 5.5 x
9.5mm
Straight Barrel
Type, center
positive
Class II Wall-
Plug, Fixed
North American
Blades³
TE30A1203C01
12.0V
2.50A
30W
120mV pk-pk
±1%
±5%
14.4V-16.8V
TE30A1503C01
15.0V
2.00A
30W
150mV pk-pk
±1%
±5%
18.0V-21.0V
TE30A1803C01
18.0V
1.67A
30W
180mV pk-pk
±1%
±5%
21.6V-25.2V
TE30A2403C01
24.0V
1.33A
30W
240mV pk-pk
±1%
±5%
28.8V-33.6V
TE30A4803C01
48.0V
0.63A
30W
480mV pk-pk
±1%
±5%
55.0V-60.0V
Notes:
1. Measured at the output connector, with noise probe directly across output and load terminated with 0.1μF ceramic and 10μF low ESR capacitors. For 5V and 6V models, values listed
are typical, 100mV pk-pk maximum with 0.1μF ceramic and 47μF low ESR capacitors used at measurement point.
2. Order blade kit KT-1027K for other blades (EU. UK, Australia)
3. For EU fixed blades, replace “C” in the model number with “M”, for UK blades, replace “C” with “G”, for Australia blades, replace “C” with “H”.
4. All specifications are typical at nominal input, full load, at 25
C ambient unless noted.


Similar Part No. - TE30A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30A1503F01 SLPOWER-TE30A1503F01 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
More results

Similar Description - TE30A1503F01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE30 SLPOWER-TE30_16 Datasheet
757Kb / 5P
   20W-30W Single Output External Power
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
ME30 SLPOWER-ME30 Datasheet
696Kb / 4P
   20 to 30W Single Output External Power
ME30 SLPOWER-ME30_16 Datasheet
614Kb / 5P
   20 to 30W Single Output External Power
logo
TDK Electronics
PXE2048WD05 TDK-PXE2048WD05 Datasheet
307Kb / 2P
   Single and Dual Output 20W to 30W DC-DC Converters
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com