Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4835-B30 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI4835-B30
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4835-B30 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI4835-B30 Datasheet HTML 2Page - Silicon Laboratories SI4835-B30 Datasheet HTML 3Page - Silicon Laboratories SI4835-B30 Datasheet HTML 4Page - Silicon Laboratories SI4835-B30 Datasheet HTML 5Page - Silicon Laboratories SI4835-B30 Datasheet HTML 6Page - Silicon Laboratories SI4835-B30 Datasheet HTML 7Page - Silicon Laboratories SI4835-B30 Datasheet HTML 8Page - Silicon Laboratories SI4835-B30 Datasheet HTML 9Page - Silicon Laboratories SI4835-B30 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si4831/35-B30
6
Rev. 1.0
Table 5. FM Receiver Characteristics1,2
(VDD = 2.7 to 3.6 V, TA = –15 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input Frequency
fRF
64
109
MHz
Sensitivity with Headphone
Network3
(S+N)/N = 26 dB
2.2
µV EMF
LNA Input Resistance4,5
—4—
k
LNA Input Capacitance4,5
—5—
pF
AM Suppression4,5,6,7
m = 0.3
50
dB
Input IP34,8
105
dBµV EMF
Adjacent Channel Selectivity4
±200 kHz
50
dB
Alternate Channel Selectivity4
±400 kHz
65
dB
Audio Output Voltage5,6,7
—80—
mVRMS
Audio Mono S/N5,6,7,9,10
—55—
dB
Audio Stereo S/N3,4,5,7,9,10,
—55—
dB
Audio Frequency Response Low
–3 dB
30
Hz
Audio Frequency Response High
–3 dB
15
kHz
Audio Stereo Separation5,11
—42—
dB
Audio THD6,5,11
—0.1
0.5
%
Audio Output Load Resistance4,10
RL
Single-ended
10
k
Audio Output Load Capacitance4,10
CL
Single-ended
50
pF
Powerup/Band Switch Time4
——
110
ms
Notes:
1.
Additional testing information is available in “AN569: Si4831/35-DEMO Board Test Procedure.” Volume = maximum
for all tests. Tested at RF = 98.1 MHz.
2.
To ensure proper operation and receiver performance, follow the guidelines in “AN555: Si483x-B Antenna, Schematic,
Layout, and Design Guidelines.” Silicon Laboratories will evaluate schematics and layouts for qualified customers.
3.
Frequency is 76~109 MHz.
4.
Guaranteed by characterization.
5.
VEMF =1 mV.
6.
FMOD = 1 kHz, MONO, and L = R unless noted otherwise.
7.
f = 22.5 kHz.
8.
|f2 – f1| > 2 MHz, f0 =2xf1 – f2.
9.
BAF = 300 Hz to 15 kHz, A-weighted.
10.
At LOUT and ROUT pins.
11.
f = 75 kHz.


Similar Part No. - SI4835-B30

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4835-B30 SILABS-SI4835-B30 Datasheet
1Mb / 38P
   Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Skyworks Solutions Inc.
SI4835-B30 SKYWORKS-SI4835-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
SI4835-B30-GU SKYWORKS-SI4835-B30-GU Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results

Similar Description - SI4835-B30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com