Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE40A1203B01 Datasheet(PDF) 4 Page - SL Power Electronics

Part # TE40A1203B01
Description  40W Single Output External Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

TE40A1203B01 Datasheet(HTML) 4 Page - SL Power Electronics

  TE40A1203B01 Datasheet HTML 1Page - SL Power Electronics TE40A1203B01 Datasheet HTML 2Page - SL Power Electronics TE40A1203B01 Datasheet HTML 3Page - SL Power Electronics TE40A1203B01 Datasheet HTML 4Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TE40
40W Single Output External Power
Test & Measurement/Industrial Series
www.slpower.com
TE40 Rev 1.3 11-JAN-16
PRELIMINARY
4
Connector Information
Standard models include a 2.5 x 5.5 x 9.5mm straight barrel type connector (Ault #3), center positive. Other standard options are listed below.
The “03” in the standard model number is replaced by the applicable digits below:
Efficiency Level VI Information:
Data Sheet © 2016 SL Power Electronics Corp. The information and specifications contained herein are believed to be correct at the time of publication. However, SL Power accepts no responsibility for
consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
TE40A Series


Similar Part No. - TE40A1203B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TE40A1203B01 SLPOWER-TE40A1203B01 Datasheet
764Kb / 5P
   40W Single Output External Power
More results

Similar Description - TE40A1203B01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
ME40 SLPOWER-ME40_16 Datasheet
483Kb / 4P
   40W Single Output External Power
TE40 SLPOWER-TE40_16 Datasheet
764Kb / 5P
   40W Single Output External Power
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLN-40H_1110 MEANWELL-HLN-40H_1110 Datasheet
336Kb / 5P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com