Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4844-B-DEMO Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI4844-B-DEMO
Description  Si4844-B DEMO BOARD USERS GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4844-B-DEMO Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI4844-B-DEMO Datasheet HTML 3Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 4Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 5Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 6Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 7Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 8Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 9Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 10Page - Silicon Laboratories SI4844-B-DEMO Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Si4844-B-DEMO
Rev. 0.1
7
Table 1. Key Function Description
Button/Mode
Time Mode
FM/AM/SW Radio Mode
Tuner Off
Tuner On
POWER/BAND
Hold Time
<1s
None
Change between FM, AM, and SW (there
are 2 FM bands, 2 AM bands, and 8 SW
bands)
Hold Time
>1s
Enable radio
Disable radio function and enter Time mode.
(Radio parameters will be saved to MCU)
DE/SPC
None
FM mode: Change De-emphasis, between
50 µs and 75 µs.
AM mode: Change channel space, between
9 kHz and 10 kHz.
BASS/TMR
Enter or quit time setting menu.
Decrease Bass/Treble level by 1 step.
TREBLE/AL
Enable or disable the alarm
function; enter or quit alarm
setting menu.
Increase Bass/Treble level by 1 step.
UP/VOL+
Hold Time
<1s
In setting menu, change the
current time/alarm parameter by
one unit per each press.
In radio setting menu, change the current
parameter by one unit per each press.
In radio working mode, increase volume 1
step per each press.
Hold Time
>1s
In setting menu, change the
current time/alarm parameter
automatically.
In radio setting menu, change the current
parameter automatically.
In radio working mode, increase volume
level automatically until at maximum.
DOWN/VOL–
Hold Time
<1s
In setting menu, change the
current time/alarm parameter by
one unit per each press.
In radio setting menu, change the current
parameter by one unit per each press.
In radio working mode, decrease volume 1
step per each press.
Hold Time
>1s
In setting menu, change the
current time/alarm parameter
automatically.
In radio setting menu, change the current
parameter automatically.
In radio working mode, decrease volume
level automatically until at minimum.
MONO/ST
W/N BAND
Hold Time
<1s
None
FM/SW mode: Change band range between
wideband and narrow-band.
Hold Time
>1s
None
FM mode: Change between forced mono
audio and ST audio
SETTING
Hold Time
<1s
None
In radio setting menu, change the current
item by one step per each press
Hold Time
>1s
None
Quickly return to FM working mode.


Similar Part No. - SI4844-B-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4844-B20 SILABS-SI4844-B20 Datasheet
1Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4844-B20 SKYWORKS-SI4844-B20 Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
SI4844-B20-GU SKYWORKS-SI4844-B20-GU Datasheet
2Mb / 27P
   BROADCAST ANALOG TUNING DIGITAL DISPLAY AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 1.0
More results

Similar Description - SI4844-B-DEMO

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
RD-0085-0401 SILABS-RD-0085-0401 Datasheet
4Mb / 37P
   UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
logo
ON Semiconductor
AGB1N0CS-GEVK ONSEMI-AGB1N0CS-GEVK Datasheet
466Kb / 6P
   Demo 3 Evaluation Board Users Manual
July, 2020 ??Rev. 1
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com