Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI21692-D60 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI21692-D60
Description  Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI21692-D60 Datasheet(HTML) 2 Page - Silicon Laboratories

  SI21692-D60 Datasheet HTML 1Page - Silicon Laboratories SI21692-D60 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Digital Demodulators
Copyright © 2015 by Silicon Laboratories
11.5.15
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Si21692-D60
Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
Selected Electrical Specifications
(TA = –10 to 70 °C).
Parameter
Test Condition
Min
Typ
Max
Unit
General
Input clock reference
4
30
MHz
Supported XTAL frequency
16
30
MHz
Total power consumption for
each demodulator
DVB-T21
356
mW
DVB-T2
182
mW
DVB-C3
142
mW
DVB-S24
421
mW
DVB-S5
230
mW
Thermal resistance (JA)
4 layer PCB
42
°C/W
Power Supplies
VDD_VCORE
1.14
1.20
1.30
V
VDD_VANA
3.00
3.30
3.60
V
VDD_VIO
3.00
3.30
3.60
V
Notes:
1. Test conditions: 8 MHz, 256-QAM, 32K FFT, CR = 3/5, GI = 1/128, PP7, C/N at picture failure, parallel TS.
2. Test conditions: 8 MHz, 8K FFT, 64-QAM, parallel TS.
3. Test conditions: 6.9 Mbaud, 256-QAM, parallel TS.
4. Test conditions: 32 Mbaud, CR = 3/5, 8PSK, pilots On, C/N at picture failure, parallel TS.
5. Test conditions: 30 Mbaud, CR = 7/8, at QEF: BER = 2 x 10–4, parallel TS.
Pin Assignments
Selection Guide
Part #
Description
Si21692-D60-GM/R
Dual Digital TV Demodulator for DVB-T2/S2/S2X/T/C/S, 8x8 mm QFN-68
Si21692D
(GND_PAD)
QFN-68
8x8mm
66
65
64
63
67
68
3 4 5 6 7 8 9 10 11 12
2
1
13 14
49
50
51
48 47
43
44
45
46
42 41 40 39 38
15 16 17
26
27
28
29
25
20
21
22
23
24
19
18
34
33
30
31
32
35
36
37
TS1_CLK
TS2_CLK
TS1_DATA[0]/TS1_SER
TS2_DATA[0]/TS2_SER
TS1_DATA[1]
TS2_DATA[1]
TS1_DATA[2]
TS2_DATA[2]
TS1_DATA[3]
TS2_DATA[3]
TS1_DATA[4]
TS2_DATA[4]
VDD_CORE
VDD_CORE
GND
VDD_VIO
TS1_DATA[5]
60
59
58
57
61
62
54
53
52
55
56
VDD_CORE
VDD_CORE
GND
SCL_MAST
SDA_MAST
CLK_IN_OUT
TC_ADC_N_B
TC_ADC_P_B
TC_ADC_N_A
TC_ADC_P_A
S_ADC_QN_B
S_ADC_QP_B
S_ADC_IN_B
S_ADC_IP_B
S_ADC_QN_A
S_ADC_QP_A
S_ADC_IN_A


Similar Part No. - SI21692-D60

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI21692-D60 SKYWORKS-SI21692-D60 Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
SI21692-D60-GM/R SKYWORKS-SI21692-D60-GM/R Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
More results

Similar Description - SI21692-D60

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2169-D60 SILABS-SI2169-D60 Datasheet
167Kb / 2P
   DVB-T2/T/C/S/S2/S2X Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21692-D60 SKYWORKS-SI21692-D60 Datasheet
616Kb / 2P
   Dual DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
SI21642-C60 SKYWORKS-SI21642-C60 Datasheet
627Kb / 2P
   Dual DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
SI2164-C60 SKYWORKS-SI2164-C60 Datasheet
186Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
November 25, 2021
logo
Silicon Laboratories
SI21642-C60 SILABS-SI21642-C60 Datasheet
196Kb / 2P
   Dual DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
SI2164-C60 SILABS-SI2164-C60 Datasheet
182Kb / 2P
   DVB-T2/C2/S2/S2X/T/C/S Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21672-D60 SKYWORKS-SI21672-D60 Datasheet
602Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2167-D60 SILABS-SI2167-D60 Datasheet
160Kb / 2P
   DVB-T/C/S/S2/S2X Digital TV Demodulator
SI21672-D60 SILABS-SI21672-D60 Datasheet
167Kb / 2P
   Dual DVB-S2/S2X/T/C/S Digital TV Demodulator
logo
Skyworks Solutions Inc.
SI21822-B60 SKYWORKS-SI21822-B60 Datasheet
620Kb / 2P
   Dual ISDB-T and DVB-T2/S2/S2X/T/C/S Digital TV Demodulator
August 22, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com