Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI47906 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI47906
Description  High-Performance Automotive AM/FM Radio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI47906 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI47906 Datasheet HTML 1Page - Silicon Laboratories SI47906 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Si47903/04/05/06
Copyright © 2015 by Silicon Laboratories
3.12.2015
ARM
Cortex M3
Radio
DSP-2
Blend
Audio
Output
Port 0
Audio
Input
Port 0
SPI/I
2C
Flash
Interface
VD
VA
VIO2
VIO1
Power
Supplies
DAC
Radio DSP
LNA
LBI
LBO
B3I/WXI
FMI
FMO
AGC
LNA
AGC
LNA
AGC
LNA
AGC
B3O
AMI
AMO
AMVAG
ADC
ADC
IF AGC
DAC
DEBUGP
DEBUGN
ISFSP
ISFSN
ZIFIOUT
ZIFCLK
ZIFQOUT
ZIFFS
Si47903/04/05/06
High-Performance Automotive AM/FM Radio
Receiver and HD Radio™/DAB/DAB+/DMB/DRM Tuner
Features
- Worldwide FM band support (64–108 MHz)
- Worldwide AM band support (520–1710 kHz)
- LW band support (144–288 kHz)
- SW band support (2.3–30 MHz)
- DAB/DAB+/DMB support 
(170–240 MHz, 1452–1492 MHz) (Si47905/06 Only)
- NOAA Weather Band support (Si47904/06 Only)
- On-chip soft-decision RDS/RDBS demodulator/decoder
- AM/FM:
- Comprehensive AM/FM signal
processing firmware
- Integrated active AM/FM buffers for 
background/data tuners
- Analog FM phase diversity with two, three or four 
tuners
- Fully integrated AGC for AM and FM inputs
- HD Radio (Si47904/06 only):
- Digital I/Q interface to HD Radio Processor
- HD Radio MRC with two, three, or four tuners
- AM/FM HD Radio IBOC blend
- Fast FM HD Radio band scan
- DAB/DAB+/DMB (Si47905/06 only):
- Digital I/Q interface to DAB/DAB+/DMB processor
- DAB/DAB+/DMB MRC with two, three, or four 
tuners
- Integrated active Band III/L-band buffers for 
background/data tuners
- Fast DAB/DAB+/DMB band scan
- Fully integrated AGC for Band III and L-Band inputs
- Two analog audio outputs
- Two digital audio ports (I2S)
- Frequency synthesizer with fully integrated PLL-VCO
- Integrated clock oscillator
- 1.8 V or 3.3 V digital IO power supplies
- 3.3 V analog power supply and 1.8 V digital power 
supply
- QFN 48-pin, 7x7x0.85 mm
- Pb-free/RoHS compliant
- AEQ-Q100 qualified
Description
The Si4790x analog AM/FM receiver and digital radio tuner
sets a new standard for automotive broadcast reception.
The Si4790x is the most integrated monolithic IC in the
industry with the smallest external bill of materials. Si4790x
based systems can scale from low-cost single tuner AM/
FM radio to highest performance systems with multiple
tuners and multiple antennas, enabling the radio suppliers
to reuse their R&D across multiple product lines, all with a
common software API. The Si4790x meets rigorous
automotive quality standards.
Applications
- Automotive OEM infotainment systems
- Aftermarket car radio systems


Similar Part No. - SI47906

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI47901 SILABS-SI47901 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI47902 SILABS-SI47902 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
More results

Similar Description - SI47906

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
SI47911 SILABS-SI47911 Datasheet
994Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47901 SILABS-SI47901 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
   Automotive AM/FM Radio Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com