Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP6500FYE Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLP6500FYE
Description  DMD
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP6500FYE Datasheet(HTML) 5 Page - Texas Instruments

  DLP6500FYE Datasheet HTML 1Page - Texas Instruments DLP6500FYE Datasheet HTML 2Page - Texas Instruments DLP6500FYE Datasheet HTML 3Page - Texas Instruments DLP6500FYE Datasheet HTML 4Page - Texas Instruments DLP6500FYE Datasheet HTML 5Page - Texas Instruments DLP6500FYE Datasheet HTML 6Page - Texas Instruments DLP6500FYE Datasheet HTML 7Page - Texas Instruments DLP6500FYE Datasheet HTML 8Page - Texas Instruments DLP6500FYE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
DLP6500FYE
www.ti.com
DLPS053A – OCTOBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: DLP6500FYE
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table 1. Pin Functions (continued)
PIN(1)
TYPE
(I/O/P)
SIGNAL
DATA
RATE(2)
INTERNAL
TERM(3)
DESCRIPTION
TRACE
(mils)(4)
NAME
NO.
D_BN(8)
T23
Input
LVDS
DDR
Differential
Data, Negative
484.45
D_BN(9)
Z25
Input
LVDS
DDR
Differential
Data, Negative
492.09
D_BN(10)
X24
Input
LVDS
DDR
Differential
Data, Negative
497.72
D_BN(11)
W25
Input
LVDS
DDR
Differential
Data, Negative
495.16
D_BN(12)
V25
Input
LVDS
DDR
Differential
Data, Negative
484.17
D_BN(13)
T25
Input
LVDS
DDR
Differential
Data, Negative
481.42
D_BN(14)
N25
Input
LVDS
DDR
Differential
Data, Negative
495.16
D_BN(15)
U24
Input
LVDS
DDR
Differential
Data, Negative
489.8
D_BP(0)
Y14
Input
LVDS
DDR
Differential
Data, Positive
494.88
D_BP(1)
Z16
Input
LVDS
DDR
Differential
Data, Positive
486.26
D_BP(2)
Y17
Input
LVDS
DDR
Differential
Data, Positive
495.16
D_BP(3)
P23
Input
LVDS
DDR
Differential
Data, Positive
492.48
D_BP(4)
Z19
Input
LVDS
DDR
Differential
Data, Positive
495.16
D_BP(5)
N23
Input
LVDS
DDR
Differential
Data, Positive
497.99
D_BP(6)
Y20
Input
LVDS
DDR
Differential
Data, Positive
495.16
D_BP(7)
R24
Input
LVDS
DDR
Differential
Data, Positive
492.05
D_BP(8)
R23
Input
LVDS
DDR
Differential
Data, Positive
484.45
D_BP(9)
Y25
Input
LVDS
DDR
Differential
Data, Positive
492.24
D_BP(10)
W24
Input
LVDS
DDR
Differential
Data, Positive
495.16
D_BP(11)
X25
Input
LVDS
DDR
Differential
Data, Positive
494.72
D_BP(12)
U25
Input
LVDS
DDR
Differential
Data, Positive
483.78
D_BP(13)
R25
Input
LVDS
DDR
Differential
Data, Positive
489.13
D_BP(14)
P25
Input
LVDS
DDR
Differential
Data, Positive
499.53
D_BP(15)
V24
Input
LVDS
DDR
Differential
Data, Positive
488.66
SERIAL CONTROL
SCTRL_AN
C23
Input
LVDS
DDR
Differential
Serial Control, Negative
492.95
SCTRL_BN
Y23
Input
LVDS
DDR
Differential
Serial Control, Negative
493.78
SCTRL_AP
C24
Input
LVDS
DDR
Differential
Serial Control, Positive
493.78
SCTRL_BP
Y24
Input
LVDS
DDR
Differential
Serial Control, Positive
493.11
CLOCKS
DCLK_AN
B23
Input
LVDS
Differential
Clock, Negative
480.35
DCLK_BN
Z23
Input
LVDS
Differential
Clock, Negative
486.22
DCLK_AP
B22
Input
LVDS
Differential
Clock, Positive
485.83
DCLK_BP
Z22
Input
LVDS
Differential
Clock, Positive
491.93
SERIAL COMMUNICATIONS PORT (SCP)
SCP_DO
B8
Output
LVCMOS
SDR
Serial Communications Port Output
SCP_DI
B7
Input
LVCMOS
SDR
Pull-Down
Serial Communications Port Data
Input
SCP_CLK
B6
Input
LVCMOS
Pull-Down
Serial Communications Port Clock
SCP_ENZ
C8
Input
LVCMOS
Pull-Down
Active-low Serial Communications
Port Enable
MICROMIRROR RESET CONTROL
RESET_ADDR(0)
X9
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(1)
X8
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(2)
Z8
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(3)
Z7
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_MODE(0)
W11
Input
LVCMOS
Pull-Down
Reset Driver Mode Select
RESET_MODE(1)
Z10
Input
LVCMOS
Pull-Down
Reset Driver Mode Select
RESET_SEL(0)
Y10
Input
LVCMOS
Pull-Down
Reset Driver Level Select
RESET_SEL(1)
Y9
Input
LVCMOS
Pull-Down
Reset Driver Level Select


Similar Part No. - DLP6500FYE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP6500FLQ TI1-DLP6500FLQ Datasheet
601Kb / 49P
[Old version datasheet]   MVSP Type A DMD
DLP6500FLQ TI1-DLP6500FLQ Datasheet
669Kb / 50P
[Old version datasheet]   0.65 1080p MVSP Type A DMD
More results

Similar Description - DLP6500FYE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MR-0120.008 HP-MR-0120.008 Datasheet
116Kb / 2P
   DMD MASTR
logo
Texas Instruments
DLP3010 TI1-DLP3010 Datasheet
687Kb / 39P
[Old version datasheet]   DMD
DLP4710 TI1-DLP4710 Datasheet
821Kb / 39P
[Old version datasheet]   DMD
DLP3010 TI1-DLP3010_18 Datasheet
1Mb / 41P
[Old version datasheet]   0.3 720p DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP7000UV TI1-DLP7000UV Datasheet
1Mb / 51P
[Old version datasheet]   LVDS Type A DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP230KP TI1-DLP230KP Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP480RE TI1-DLP480RE_19 Datasheet
764Kb / 47P
[Old version datasheet]   0.48 WUXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com