Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP9000XFLS Datasheet(PDF) 10 Page - Texas Instruments

Part # DLP9000XFLS
Description  ype A DMDs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000XFLS Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP9000XFLS Datasheet HTML 6Page - Texas Instruments DLP9000XFLS Datasheet HTML 7Page - Texas Instruments DLP9000XFLS Datasheet HTML 8Page - Texas Instruments DLP9000XFLS Datasheet HTML 9Page - Texas Instruments DLP9000XFLS Datasheet HTML 10Page - Texas Instruments DLP9000XFLS Datasheet HTML 11Page - Texas Instruments DLP9000XFLS Datasheet HTML 12Page - Texas Instruments DLP9000XFLS Datasheet HTML 13Page - Texas Instruments DLP9000XFLS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
DLP9000
DLPS036A – SEPTEMBER 2014 – REVISED OCTOBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE
SIGNAL
DESCRIPTION
(I/O/P)
NAME (1)
NO.
NO.
NO.
VSS
AJ25
AK6
AK12
Power
Analog
Device Ground. Common return for all power.
VSS
AK18
AL29
Power
Analog
Device Ground. Common return for all power.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
SUPPLY VOLTAGES
VCC
Supply voltage for LVCMOS core logic (2)
–0.5
4
V
VCCI
Supply voltage for LVDS receivers (2)
–0.5
4
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode (2) (3)
–0.5
9
V
VBIAS
Supply voltage for micromirror electrode (2)
–0.5
17
V
VRESET
Supply voltage for micromirror electrode (2)
–11
0.5
V
| VCC – VCCI |
Supply voltage delta (absolute value) (4)
0.3
V
| VBIAS – VOFFSET |
Supply voltage delta (absolute value) (5)
8.75
V
INPUT VOLTAGES
Input voltage for all other LVCMOS input pins (2)
–0.5
VCC + 0.3
V
Input voltage for all other LVDS input pins (2) (6)
–0.5
VCCI + 0.3
V
| VID |
Input differential voltage (absolute value) (7)
700
mV
IID
Input differential current (7)
7
mA
CLOCKS
DLP9000FLS
Clock frequency for LVDS interface, DCLK_A
460
MHz
Clock frequency for LVDS interface, DCLK_B
460
MHz
Clock frequency for LVDS interface, DCLK_C
460
MHz
Clock frequency for LVDS interface, DCLK_D
460
MHz
ƒclock
DLP9000XFLS
Clock frequency for LVDS interface, DCLK_A
500
MHz
Clock frequency for LVDS interface, DCLK_B
500
MHz
Clock frequency for LVDS interface, DCLK_C
500
MHz
Clock frequency for LVDS interface, DCLK_D
500
MHz
ENVIRONMENTAL
Case temperature: operational (8) (9)
0
70
ºC
TCASE
Case temperature: non–operational (9)
–40
80
ºC
TGRADIENT
Differential temperature (8)
10
ºC
Operating relative humidity (non-condensing)
0
95%
RH
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device is not implied at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure above Recommended Operating Conditions for extended periods may affect device reliability.
(2)
All voltages are referenced to common ground VSS. Supply voltages VCC, VCCI, VOFFSET, VBIAS, and VRESET are all required for
proper DMD operation. VSS must also be connected
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
To prevent excess current, the supply voltage delta |VCCI – VCC| must be less than specified limit.
(5)
To prevent excess current, the supply voltage delta |VBIAS – VOFFSET| must be less than specified limit. Refer to Power Supply
Recommendations for additional information.
(6)
This maximum LVDS input voltage rating applies when each input of a differential pair is at the same voltage potential.
(7)
LVDS differential inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
Exposure of the DMD simultaneously to any combination of the maximum operating conditions for case temperature, differential
temperature, or illumination power density may affect device reliability.
(9)
DMD Temperature is the worst-case of any test point shown in Figure 15, or the active array as calculated by the Micromirror Array
Temperature Calculation.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLP9000


Similar Part No. - DLP9000XFLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000XFLS TI1-DLP9000XFLS Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XFLS TI1-DLP9000XFLS Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
More results

Similar Description - DLP9000XFLS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000 TI1-DLP9000_16 Datasheet
932Kb / 56P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000_016 TI1-DLP9000_016 Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
logo
Qualtek Electronics Cor...
20_SERIES QUALTEK-20_SERIES Datasheet
1Mb / 1P
   RELE ASABLE TRIG GER T YPE CABLE TIES
logo
IEI Integration Corp.
ACE-4840APM IEI-ACE-4840APM Datasheet
468Kb / 1P
   400 W PS/2 Medical T ACE-4840APM ype ATX Power Supply
logo
Assmann Electronics Inc...
AK670-R ASSMANN-AK670-R Datasheet
241Kb / 1P
   USB CABLE A TO A
logo
Electronic Components L...
CP30205N CLIFF-CP30205N Datasheet
574Kb / 1P
   USB3.0 A-A FEEDTHROUGH CONNECTOR
CP30208N CLIFF-CP30208N Datasheet
533Kb / 1P
   USB2.0 A-A FEEDTHROUGH CONNECTOR
05/2020
logo
Vishay Siliconix
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
Assmann Electronics Inc...
AK6702-1-R ASSMANN-AK6702-1-R Datasheet
97Kb / 1P
   USB Cable A to A, Version 1.1 2.0 USB A Male to A Male
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com