Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1101-200EG6 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS1101-200EG6
Description  High Side Bidirectional and Unidirectional Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS1101-200EG6 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS1101-200EG6 Datasheet HTML 2Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 3Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 4Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 5Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 6Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 7Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 8Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 9Page - Silicon Laboratories TS1101-200EG6 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2.4 Choosing the Sense Resistor
Selecting the optimal value for the external RSENSE is based on the following criteria and for each commentary follows:
1. RSENSE Voltage Loss
2. VOUT Swing vs. Applied Input Voltage at VRS+ and Desired VSENSE
3. Total ILOAD Accuracy
4. Circuit Efficiency and Power Dissipation
5. RSENSE Kelvin Connections
2.4.1 RSENSE Voltage Loss
For the lowest IR power dissipation in RSENSE, the smallest usable resistor value for RSENSE should be selected.
2.4.2 VOUT Swing vs. Applied Input Voltage at VRS+ and Desired VSENSE
As there is no separate power supply pin for the current-sense amplifiers, the circuit draws its power from the voltage at its RS+ and
RS- terminals. Therefore, the signal voltage at the OUT terminal is bounded by the minimum voltage applied at the RS+ terminal.
Therefore:
VOUT (max ) = VRS+(min ) − VSENSE(max ) − VOH (max )
and
RSENSE <
VOUT (max )
GAIN × ILOAD(max )
where the full-scale VSENSE should be less than VOUT(MAX)/GAIN at the application’s minimum RS+ terminal voltage. For best perform-
ance with a 3.6 V power supply, RSENSE should be chosen to generate a VSENSE of: a) 120 mV (for the 25 V/V GAIN option), b) 60 mV
(for the 50 V/V GAIN option), c) 30 mV (for the 100 V/V GAIN option), or d) 15 mV (for the 200 V/V GAIN option) at the full-scale ILOAD
current in each application. For the case where the minimum power supply voltage is higher than 3.6 V, each of the four full-scale
VSENSEs above can be increased.
2.4.3 Total Load Current Accuracy
In the current-sense amplifiers’ linear region where VOUT < VOUT(max), there are two specifications related to the circuit’s accuracy: a)
the input offset voltage and b) gain error (GE(max) = 0.6%). An expression for the current sense amplifiers’ total error is given by:
VOUT = GAIN × (1 ± GE) × VSENSE ± (GAIN × VOS)
A large value for RSENSE permits the use of smaller load currents to be measured more accurately because the effects of offset voltag-
es are less significant when compared to larger VSENSE voltages. Due care though should be exercised as previously mentioned with
large values of RSENSE.
2.4.4 Circuit Efficiency and Power Dissipation
IR losses in RSENSE can be large especially at high load currents. It is important to select the smallest, usable RSENSE value to mini-
mize power dissipation and to keep the physical size of RSENSE small. If the external RSENSE is allowed to dissipate significant power,
then its inherent temperature coefficient may alter its design center value, thereby reducing load current measurement accuracy. Pre-
cisely because the current-sense amplifiers input stages were designed to exhibit a very low input offset voltage, small RSENSE values
can be used to reduce power dissipation and minimize local hot spots on the PCB.
TS1100/01/02/03 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 5


Similar Part No. - TS1101-200EG6

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1101-200EG6T TOUCHSTONE-TS1101-200EG6T Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TS1101-200EG6TP TOUCHSTONE-TS1101-200EG6TP Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
More results

Similar Description - TS1101-200EG6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
INA181 TI1-INA181_17 Datasheet
1Mb / 34P
[Old version datasheet]   INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Linear Technology
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
   High side current sense amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
   HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
   High side current sense amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com