Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA2005ERSLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005ERSLR
Description  Power Management and LED/Lamp Driver IC
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2005ERSLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DLPA2005ERSLR Datasheet HTML 4Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 5Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 6Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 7Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 8Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 9Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 10Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 11Page - Texas Instruments DLPA2005ERSLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
DLPA2005
DLPS047B – SEPTEMBER 2014 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted) (see
(1)(2)(3))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED CURRENT CONTROL
Vƒ
LED forward voltage
4.55
V
VIN ≥4.50 V, VLED ≤4.8 V; (closed loop
operation)
Covers USB power and 5 V AC adapter
Current at max. code 0x3CBh for
2200
2400
2600
SWx_IDAC[9:0]
RLIM =39mΩ, 0.1%, TA ≤45°C (see register
settings)
LED Currents
mA
VIN ≥ 2.7 V, VLED ≤4.8 V, (closed loop
operation)
Covers single cell Li-ion battery with high
current loading
1300
ILED
Current at max. code 0x20Eh for
SWx_IDAC[9:0]
RLIM = 39 mΩ, 0.1%, TA=25 C (see register
settings)
DC current accuracy, SW4, 5, 6
RLIM = 39 mΩ
±100
mA
ILIM[3
:0] =
333
0000
Transient LED current limit range
at RLIM = 39 m
Ω
mA
ILIM[3
:0] =
3846
1111
ILED from 5% to 95%, ILED = 300 mA,
trise
Current rise time
Transient current limit disabled
50
µs
Not tested in production
1.1-V REGULATOR
VCORE (BUCK)
VIN
Input voltage
2.3
6
V
Nominal fixed output voltage
1.1
V
VOUT
0 mA
≤ IOUT ≤ 600 mA at VIN > 2.5 V
DC output voltage accuracy
–1.5%
1.5%
VOUT = 1.1 V
d
Maximum duty cycle
100%
Low-side MOSFET on-resistance
185
380
m
RDS(ON)
VIN = 3.6 V, TJ = 27ºC
High-side MOSFET on-resistance
240
480
m
IOUT
Output current
VIN > 2.3 V
300
600
mA
ILIMIT
Switch current limit
1
A
Time to ramp from 10% to 90% of VOUT, VIN
tSS
Soft-start time
250
µs
= 3.6 V
COUT
Output capacitance
10
µF
L
Nominal Inductance
2.2
µH
LOAD SWITCH
VIN
Input voltage range
LS_IN
1.8
3.6
V
RDS(ON)
P-channel MOSFET on-resistance
VIN = 1.8 V, over full temperature range
340
385
m
Ω
Output capacitor
Ceramic
4.7
10
12
µF
COUT
ESR of output capacitor
Ceramic
5
20
500
m
Ω
MEASUREMENT SYSTEM (AFE)
AFE_GAIN[1:0] = 01
1.0
G
Amplifier gain (PGA)
AFE_GAIN[1:0] = 10
9.5
V/V
AFE_GAIN[1:0] = 11
18
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DLPA2005


Similar Part No. - DLPA2005ERSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2005 TI1-DLPA2005 Datasheet
173Kb / 6P
[Old version datasheet]   0.23 HD DMD Datasheet
DLPA2005 TI1-DLPA2005 Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLPA2005 TI-DLPA2005 Datasheet
549Kb / 6P
[Old version datasheet]   DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
579Kb / 6P
[Old version datasheet]   DLP301S 0.3-Inch 3.6-Megapixel DMD for TI DLP짰 3D Printers
DLPA2005 TI-DLPA2005 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results

Similar Description - DLPA2005ERSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA1000 TI1-DLPA1000 Datasheet
863Kb / 47P
[Old version datasheet]   Power Management and LED Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
logo
ON Semiconductor
FLS0116 ONSEMI-FLS0116 Datasheet
3Mb / 15P
   MOSFET Integrated Smart LED Lamp Driver IC
June 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com