Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC150ZEZ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC150ZEZ
Description  Digital Controller for Advanced Light Control
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC150ZEZ Datasheet(HTML) 5 Page - Texas Instruments

  DLPC150ZEZ Datasheet HTML 1Page - Texas Instruments DLPC150ZEZ Datasheet HTML 2Page - Texas Instruments DLPC150ZEZ Datasheet HTML 3Page - Texas Instruments DLPC150ZEZ Datasheet HTML 4Page - Texas Instruments DLPC150ZEZ Datasheet HTML 5Page - Texas Instruments DLPC150ZEZ Datasheet HTML 6Page - Texas Instruments DLPC150ZEZ Datasheet HTML 7Page - Texas Instruments DLPC150ZEZ Datasheet HTML 8Page - Texas Instruments DLPC150ZEZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
DLPC150
www.ti.com
DLPS048B – MARCH 2015 – REVISED OCTOBER 2015
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
Normal mirror parking request (active low): To be driven by the PROJ_ON output of the host. A
logic low on this signal will cause the DLPC150 to PARK the DMD, but it will not power down the
PROJ_ON
G14
B1
DMD (the DLPA2000 or DLPA2005 controls the power down). The minimum high time is 200 ms.
The minimum low time is also 200 ms.
Host interrupt (output)
This signal has two primary uses. The first use is to indicate when DLPC150 auto-initialization is in
progress and most importantly when it completes. The second is to indicate when service is
HOST_IRQ(2)
N8
O9
requested (that is an interrupt request).
The DLPC150 tri-states this output during reset and requires an external pullup to drive this signal
to its inactive state.
I2C slave (port 0) SCL A bidirectional, open-drain signal with input hysteresis that requires an
external pullup. The slave I2C I/Os are 3.6-V tolerant (high-volt-input tolerant) and are powered by
IIC0_SCL
N10
B7
VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to an equal or
higher supply voltage, up to a maximum of 3.6 V (a lower pullup supply voltage would not likely
satisfy the VIH specification of the slave I2C input buffers).
I2C slave (port 0) SDA. A bidirectional, open-drain signal with input hysteresis that requires an
external pullup. The slave I2C I/Os are 3.6-V tolerant (high-volt-input tolerant) and are powered by
IIC0_SDA
N9
B7
VCC_INTF (which can be 1.8, 2.5, or 3.3 V). External I2C pullups must be connected to an equal or
higher supply voltage, up to a maximum of 3.6 V (a lower pullup supply voltage would not likely
satisfy the VIH specification of the slave I2C input buffers).
PARALLEL PORT INPUT DATA AND CONTROL
PCLK
P3
I11
Pixel clock(3)
PDM_CVS_TE
N4
B5
Parallel data mask(4)
VSYNC_WE
P1
I11
Vsync(5)
HSYNC_CS
N5
I11
Hsync(5)
Data valid active high framing signal.(5) DLPC150 also offers a manual data framing mode through
DATAEN_CMD
P2
I11
a software command. Refer to the DLPC150 Programmer's Guide for more information on the
manual data framing command.
(TYPICAL RGB 888)
PDATA_0
K2
Blue (bit weight 1)
PDATA_1
K1
Blue (bit weight 2)
PDATA_2
L2
Blue (bit weight 4)
PDATA_3
L1
Blue (bit weight 8)
I11
PDATA_4
M2
Blue (bit weight 16)
PDATA_5
M1
Blue (bit weight 32)
PDATA_6
N2
Blue (bit weight 64)
PDATA_7
N1
Blue (bit weight 128)
(TYPICAL RGB 888)
PDATA_8
R1
Green (bit weight 1)
PDATA_9
R2
Green (bit weight 2)
PDATA_10
R3
Green (bit weight 4)
PDATA_11
P4
Green (bit weight 8)
I11
PDATA_12
R4
Green (bit weight 16)
PDATA_13
P5
Green (bit weight 32)
PDATA_14
R5
Green (bit weight 64)
PDATA_15
P6
Green (bit weight 128)
(2)
For more information about usage, see Host_irq Usage Model.
(3)
Pixel clock capture edge is software programmable.
(4)
The parallel data mask signal input is optional for parallel interface operations. If unused, inputs should be grounded or pulled down to
ground through an external resistor (8 k
Ω or less).
(5)
VSYNC, HSYNC, and DATAEN polarity is software programmable.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DLPC150


Similar Part No. - DLPC150ZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC100ZCT TI1-DLPC100ZCT Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC120-Q1 TI1-DLPC120-Q1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
DLPC120ZXSQ1 TI1-DLPC120ZXSQ1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
DLPC120ZXSRQ1 TI1-DLPC120ZXSRQ1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
More results

Similar Description - DLPC150ZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
DLPC900 TI1-DLPC900_V01 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com