Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC150ZEZ Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC150ZEZ
Description  Digital Controller for Advanced Light Control
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC150ZEZ Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLPC150ZEZ Datasheet HTML 6Page - Texas Instruments DLPC150ZEZ Datasheet HTML 7Page - Texas Instruments DLPC150ZEZ Datasheet HTML 8Page - Texas Instruments DLPC150ZEZ Datasheet HTML 9Page - Texas Instruments DLPC150ZEZ Datasheet HTML 10Page - Texas Instruments DLPC150ZEZ Datasheet HTML 11Page - Texas Instruments DLPC150ZEZ Datasheet HTML 12Page - Texas Instruments DLPC150ZEZ Datasheet HTML 13Page - Texas Instruments DLPC150ZEZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
DLPC150
DLPS048B – MARCH 2015 – REVISED OCTOBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
Reserved Test pin 3. For proper device operation, leave this pin unconnected (includes weak
TSTPT_3
R15
B1
internal pulldown).Tri-stated while RESETZ is asserted low. Sampled as an input test mode
selection control approximately 1.5 µs after de-assertion of RESETZ and then driven as an output.
Reserved Test pin 4. For proper device operation, leave this pin unconnected (includes weak
TSTPT_4
P14
B1
internal pulldown).Tri-stated while RESETZ is asserted low. Sampled as an input test mode
selection control approximately 1.5 µs after de-assertion of RESETZ and then driven as an output.
Reserved Test pin 5. For proper device operation, leave this pin unconnected (includes weak
TSTPT_5
P15
B1
internal pulldown). Tri-stated while RESETZ is asserted low. Sampled as an input test mode
selection control approximately 1.5 µs after de-assertion of RESETZ and then driven as an output.
Reserved Test pin 6. For proper device operation, leave this pin unconnected (includes weak
TSTPT_6
N14
B1
internal pulldown). Tri-stated while RESETZ is asserted low. Sampled as an input test mode
selection control approximately 1.5 µs after de-assertion of RESETZ and then driven as an output.
Reserved Test pin 7. For proper device operation, leave this pin unconnected (includes weak
TSTPT_7
N15
B1
internal pulldown). Tri-stated while RESETZ is asserted low. Sampled as an input test mode
selection control approximately 1.5 µs after de-assertion of RESETZ and then driven as an output.
POWER AND GROUND
C5, D5,
D7,
D12,
J4, J12,
K3, L4,
L12,
M6, M9,
VDD
PWR
Core power 1.1 V (main 1.1 V)
D9,
D13,
F13,
H13,
L13,
M10,
D3, E3
VDDLP12
C3
PWR
Core power 1.1 V
C4, D6,
D8,
D10,
E4,
E13,
F4, G4,
G12,
H4,
H12,
J3, J13,
K4,
K12,
L3, M4,
M5, M8,
M12,
VSS
G13,
GND
Core ground (eDRAM, I/O ground, thermal ground)
C6, C8,
F6, F7,
F8, F9,
F10,
G6, G7,
G8, G9,
G10,
H6, H7,
H8, H9,
H10,
J6, J7,
J8, J9,
J10, K6,
K7, K8,
K9, K10
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC150


Similar Part No. - DLPC150ZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC100ZCT TI1-DLPC100ZCT Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC120-Q1 TI1-DLPC120-Q1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
DLPC120ZXSQ1 TI1-DLPC120ZXSQ1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
DLPC120ZXSRQ1 TI1-DLPC120ZXSRQ1 Datasheet
145Kb / 7P
[Old version datasheet]   Automotive DMD Controller
More results

Similar Description - DLPC150ZEZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
DLPC900 TI1-DLPC900_V01 Datasheet
1Mb / 83P
[Old version datasheet]   DLPC900 Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com