Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW01Z128 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MKW01Z128
Description  Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKW01Z128 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MKW01Z128 Datasheet HTML 1Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 2Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
MKW01Z128 Advance Information, Rev. 5
4
Freescale Semiconductor
— Internal clock references:
– 31.25 kHz to 39.063 kHz oscillator with +/– 1.5% max. deviation from 0 to +70
C
– 4 MHz oscillator with +/– 3% max. deviation across temperature
– 1 kHz oscillator
— Phase Locked Loop (PLL) with up to 100 MHz VCO
— Frequency Locked Loop (FLL):
– Low range: 20 - 25 MHz
– Mid range: 40 - 48 MHz
Analog:
— Power Management Controller (PMC) with low voltage warning (LVW) and detect with
selectable trip points.
— 16-bit analog to digital converter
– 11 single ended channels available
– 2 status, control and results registers
– DMA support
— 1 High Speed Comparator (HSCMP) with internal 6-bit digital to analog converters (DAC)
— One 12-bit DAC with DMA support and 2 word data buffer
Timers:
— Six channel Timer/PWM (TPM)
— Periodic interrupt timers
— 16-bit low-power timer (LPTMR) can be configured to operate as a time counter or as a pulse
counter, across all power modes, including the low-leakage modes
— Real-time clock 32-bit timer
Wired Communication Interface:
— One Serial Peripheral Interface (SPI) available externally
— Two Inter-Integrated Circuits (I2C) with DMA support
— Three Universal Asynchronous Receiver / Transmitter (UART) with DMA Support
– UART0 supports standard features plus:
• TxD pin can be configured as pseudo open drain for 1-wire half-duplex
• x4 to x32 oversampling
• Functional in VLPS mode
• LIN slave operation
– UART1 and UART2 support standard features
Human Machine Interface (HMI)
— General Purpose Input/Output (GPIO) supporting:


Similar Part No. - MKW01Z128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
MKW01Z128CHN NXP-MKW01Z128CHN Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
More results

Similar Description - MKW01Z128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
logo
Diodes Incorporated
AP3304A DIODES-AP3304A Datasheet
413Kb / 2P
   Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
NXP Semiconductors
OL2381 NXP-OL2381 Datasheet
1Mb / 152P
   Highly integrated single-chip sub 1 GHz RF transceiver
Rev. 1-30 November 2011
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com