Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW01Z128 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MKW01Z128
Description  Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKW01Z128 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MKW01Z128 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 9Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 10Page - Freescale Semiconductor, Inc MKW01Z128 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
MKW01Z128 Advance Information, Rev. 5
Freescale Semiconductor
7
Low power, battery-operated standalone wireless node - a common example of this configuration
would be a remote sensor monitor. The wireless node programmed for standalone operation,
typically has a low active-mode duty cycle, and is designed for long battery life, i.e., lowest power.
Communication channel to a higher level controller - in this example, the wireless node
implements the lower levels of a communications stack and is subordinate to the primary
controller. Typically the MKW01 is connected to the controller through a command channel
implemented via a UART/SCI port or other serial communication port.
4.3
System Clock Configuration
The MKW01 device allows for various system clock configurations:
Pins 46 & 47 are provided to input a 32 or 30 MHz crystal for the transceiver reference clock source
(required) as shown in Figure 3.
The transceiver can be programmed to provide a programmable frequency clock output (DIO5
which alternates as CLKOUT, pin 54) that can be used as an external source to the CPU (see
Figure 3 and Figure 4). As a result, a single crystal system clock solution is possible where the
transceiver reference clock source. Routing CLKOUT to the MCU without dividing it is
recommended, but it can be divided by 2, 4, 8, 16 and 32.
The MCU provides a trimmable internal reference clock and also supports an external clock
source. An optional on-chip frequency locked loop (FLL) can be used with either clock source to
support a CPU clock as high as 48 MHz at 3.6 V.
Pins 16 and 15 are available to provide an external 32.768 kHz external clock source for the MCU.
Figure 3. MKW01 Single Crystal System Clock Connection


Similar Part No. - MKW01Z128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
MKW01Z128CHN NXP-MKW01Z128CHN Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
More results

Similar Description - MKW01Z128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKW01Z128 NXP-MKW01Z128 Datasheet
1Mb / 67P
   Highly-integrated, cost-effective single-package solution for sub-1 GHz applications
Rev. 6, 04/2016
MC12311 NXP-MC12311 Datasheet
737Kb / 40P
   Highly-integrated, cost-effective single-package solution for the sub-1 GHz, Wireless MBUS Standard
Rev. 1.0 11/2011
logo
Diodes Incorporated
AP3304A DIODES-AP3304A Datasheet
413Kb / 2P
   Highly Integrated, Cost-Effective, USB PD3.0 Charger Solution for Portable and Consumer Applications
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
NXP Semiconductors
OL2381 NXP-OL2381 Datasheet
1Mb / 152P
   Highly integrated single-chip sub 1 GHz RF transceiver
Rev. 1-30 November 2011
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com