Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB4020BPHP Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB4020BPHP
Description  TUSB4020BPHP Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB4020BPHP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB4020BPHP Datasheet HTML 4Page - Texas Instruments TUSB4020BPHP Datasheet HTML 5Page - Texas Instruments TUSB4020BPHP Datasheet HTML 6Page - Texas Instruments TUSB4020BPHP Datasheet HTML 7Page - Texas Instruments TUSB4020BPHP Datasheet HTML 8Page - Texas Instruments TUSB4020BPHP Datasheet HTML 9Page - Texas Instruments TUSB4020BPHP Datasheet HTML 10Page - Texas Instruments TUSB4020BPHP Datasheet HTML 11Page - Texas Instruments TUSB4020BPHP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Appendix A
www.ti.com
Table 1. EVM Bill of Materials (continued)
Item
QTY
Reference
Part
Manufacturer
Part Number
Pkg
Description
28
1
U1
AT24C04 Socket
TE Connectivity
AT24C04A-10PU-1.8 / 2-
8DIP /
CONN IC SOCKET 8POS DIP
641260-1
8SOIC
TIN
SOCKET
29
1
U3
TPS2561DRC-USB
Texas Instruments
TPS2561DRC
10SON
Power Switch
30
1
U4
TPS7A4533 - 3.3V
Texas Instruments
TPS7A4533KTT
DDPAK-5
Voltage Regulator
31
1
U5
TPS74801RGW -
Texas Instruments
TPS74801RGW
20VQFN
1.1V Voltage
Regulator
32
1
Y1
ECS-24MHZ Crystal
ECS
ECX-53B (ECS-240-20-30B-
5.0mm x
CRYSTAL 24.000 MHZ 20PF
TR)
3.2mm
SMD
33
1
JP1
Conn 2x5 shroud -
NOPOP
34
1
R6
9.53K 1%
Rohm Semiconductor
MCR01MRTF9531
402
RES 9.53K OHM 1/16W 1% 0402
SMD
35
2
GND1,GND2
TEST POINT -
NOPOP
NOPOP
36
1
J2,J7,J8
Header 1x2
3M
961102-6404-AR
CONN HEADER VERT SGL
2POS GOLD
37
1
SW3
L101_switch
C&K Components
L101011MS02Q
SLIDE SWITCH SPST
8
TUSB4020BPHP EVM Bill of Materials
SLLU219 – June 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Similar Part No. - TUSB4020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
TUSB4020BIPHP TI1-TUSB4020BIPHP Datasheet
1Mb / 45P
[Old version datasheet]   TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BIPHPQ1 TI1-TUSB4020BIPHPQ1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results

Similar Description - TUSB4020BPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com