Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA428 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BGA428
Description  BGA428 High Gain, Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA428 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BGA428 Datasheet HTML 1Page - Infineon Technologies AG BGA428 Datasheet HTML 2Page - Infineon Technologies AG BGA428 Datasheet HTML 3Page - Infineon Technologies AG BGA428 Datasheet HTML 4Page - Infineon Technologies AG BGA428 Datasheet HTML 5Page - Infineon Technologies AG BGA428 Datasheet HTML 6Page - Infineon Technologies AG BGA428 Datasheet HTML 7Page - Infineon Technologies AG BGA428 Datasheet HTML 8Page - Infineon Technologies AG BGA428 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BGA428
Data sheet
7/9
2002-03-26
The following data refers to the application circuit given in fig. 2
Application Circuit Characteristics (measured in test circuit specified in fig. 2)
TA=25°C, Vcc=2.7V, Frequency=1.85GHz, unless otherwise specified
Parameter
Symbol
typ.
Unit
Insertion power gain
|S21|
2
19
dB
Noise Figure (ZS=50Ω)
NF
1.4
dB
Input Power at 1dB Gain Compression
P-1dB
-19
dBm
Input Third Order Intercept Point
IIP3
-9
dBm
Total Device Current
Itot
8.2
mA
Insertion Loss in Gain-Step-Mode
Vcc=0.0V, VCTRL=2.7V, RCTRL=3kΩ
LGS
13.5
dB
S-Parameter at 2.7V (see Electrical Characteristics for conditions)
Freq.
[GHz]
S11
Mag
S11
Ang
S21
Mag
S21
Ang
S12
Mag
S12
Ang
S22
Mag
S22
Ang
0.100
0.6756
-31.7
58.775
-19.6
0.0005
153.5
0.9491
-3.9
0.200
0.5936
-53.6
47.806
-43.1
0.0014
138.4
0.9327
-6.3
0.300
0.5150
-71.4
39.232
-59.5
0.0021
119.0
0.9174
-8.3
0.400
0.4587
-86.6
32.740
-71.8
0.0028
104.9
0.9035
-10.3
0.600
0.4004
-110.7
23.868
-89.6
0.0042
105.9
0.8807
-14.0
0.800
0.3743
-129.1
18.509
-103.2
0.0063
94.3
0.8593
-17.7
1.000
0.3743
-143.0
14.825
-114.5
0.0082
92.4
0.8352
-21.4
1.200
0.3816
-154.5
12.288
-124.7
0.0093
87.2
0.8116
-25.1
1.400
0.3922
-164.4
10.353
-134.2
0.0110
85.3
0.7865
-28.7
1.600
0.4086
-172.4
8.879
-143.2
0.0132
79.4
0.7597
-32.2
1.800
0.4265
-178.9
7.732
-151.4
0.0141
79.4
0.7309
-36.0
1.900
0.4314
178.8
7.214
-155.2
0.0146
76.1
0.7199
-37.5
2.000
0.4371
176.1
6.771
-159.1
0.0150
77.0
0.7097
-39.1
2.200
0.4505
171.2
5.976
-166.6
0.0169
75.2
0.6791
-42.3
2.400
0.4640
167.2
5.298
-173.5
0.0181
73.2
0.6593
-45.6
3.000
0.4935
155.9
3.935
167.0
0.0217
68.3
0.5925
-53.3
4.000
0.5181
141.2
2.605
139.2
0.0282
65.1
0.5284
-64.9
5.000
0.5202
126.9
1.911
113.6
0.0319
62.2
0.4829
-75.1
6.000
0.5128
110.0
1.479
89.9
0.0489
56.0
0.4323
-81.7


Similar Part No. - BGA428

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428 Datasheet
399Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
BGA428 INFINEON-BGA428 Datasheet
347Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
BGA428E6327 INFINEON-BGA428E6327 Datasheet
347Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
   Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
More results

Similar Description - BGA428

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
logo
STMicroelectronics
SMA428A STMICROELECTRONICS-SMA428A Datasheet
103Kb / 8P
   High Gain, Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
   High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
   High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
   High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
   High Gain, Low Noise Amplifier
June 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com