Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3003 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TS3003
Description  Single Resistor Sets Output Frequency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3003 Datasheet(HTML) 2 Page - Silicon Laboratories

  TS3003 Datasheet HTML 1Page - Silicon Laboratories TS3003 Datasheet HTML 2Page - Silicon Laboratories TS3003 Datasheet HTML 3Page - Silicon Laboratories TS3003 Datasheet HTML 4Page - Silicon Laboratories TS3003 Datasheet HTML 5Page - Silicon Laboratories TS3003 Datasheet HTML 6Page - Silicon Laboratories TS3003 Datasheet HTML 7Page - Silicon Laboratories TS3003 Datasheet HTML 8Page - Silicon Laboratories TS3003 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS3003
Page 2
TS3003 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
VDD to GND................................................................. -0.3V to +5.5V
PWM_CNTRL to GND................................................ -0.3V to +5.5V
FOUT, PWMOUT to GND .......................................... -0.3V to +5.5V
RSET to GND............................................................. -0.3V to +2.5V
CPWM to GND........................................................... -0.3V to +5.5V
FDIV to GND .............................................................. -0.3V to +5.5V
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (Derate at 13.48mW/°C above +70°C) ... 1078mW
Operating Temperature Range................................. -40°C to +85°C
Storage Temperature Range.................................. -65°C to +150°C
Lead Temperature (Soldering, 10s)...................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS3003ITD1033
3003I
Tape
& Reel
-----
TS3003ITD1033T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.


Similar Part No. - TS3003

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003ITD1033T TOUCHSTONE-TS3003ITD1033T Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3003ITD1033TP TOUCHSTONE-TS3003ITD1033TP Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
More results

Similar Description - TS3003

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com