Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3004ITD1033T Datasheet(PDF) 9 Page - Silicon Laboratories

Part # TS3004ITD1033T
Description  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3004ITD1033T Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button TS3004ITD1033T Datasheet HTML 4Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 5Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 6Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 7Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 8Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 9Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 10Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 11Page - Silicon Laboratories TS3004ITD1033T Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS3004
TS3004 Rev. 1.0
Page 9
For
example,
if
the
instrument’s
input
probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of CEXT should
be
≤7.5pF.
TS3004 Start-up Time
As the TS3004 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator achieves steady-state operation within 8ms.
2 Weeks and 2 Days Counter Circuit with TS3004
The TS3004 can be configured into a 2 Weeks and 2
Days counter as shown in Figure 2. The circuit is
composed of a TS3004 timer and three dual
74VHC393 4-bit counters. The TS3004 divider inputs
are set to FDIV2:0 = 111. With an RSET of 4.32M
Ω,
the FOUT period is approximately 1.4 minutes. The
complete circuit consumes approximately 11µA and
is powered with a single 3V CR2032 lithium button
cell battery. If a longer period is desired, a sixth
counter is available in the third 74VHC393.
Divide the PWMOUT Output Frequency by Two
with the TS3004
Using a single resistor and capacitor, the TS3004 can
be configured to a divide by two circuit as shown in
Figure 3. To achieve a divide by two function with the
TS3004, the pulse width of the PWMOUT output
must be at least a factor of 2 greater than the period
set at FOUT by resistor RSET. The CPWM capacitor
selected must meet this pulse width requirement and
can be calculated using Equation 2. In Figure 3, a
value of 4.32M
Ω for RSET sets the FOUT output
period to 40µs. A CPWM capacitor of 265pF was
chosen, which sets the pulse width of PWMOUT to
Figure 3: Configuring the TS3004 into a Divide by
Two Frequency Divider
Figure 2: 2 Weeks and 2 Days Counter Circuit


Similar Part No. - TS3004ITD1033T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3004ITD1033T TOUCHSTONE-TS3004ITD1033T Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3004ITD1033TP TOUCHSTONE-TS3004ITD1033TP Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
More results

Similar Description - TS3004ITD1033T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com