Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3005ITD1033T Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TS3005ITD1033T
Description  Single Resistor Sets Output Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3005ITD1033T Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TS3005ITD1033T Datasheet HTML 4Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 5Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 6Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 7Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 8Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 9Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 10Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 11Page - Silicon Laboratories TS3005ITD1033T Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS3005
Page 10
TS3005 Rev. 1.0
can be calculated using Equation 2. In Figure 3, a
value of 4.32M
Ω for RSET sets the FOUT output
period to 20.5ms. A CPWM capacitor of 0.1µF was
chosen, which sets the pulse width of PWMOUT to
approximately 30ms. This is well above the required
minimum pulse width of 20.5ms.
Flashing Railroad Lights with the TS3005
With only three resistors and two off the shelf LEDs,
the TS3005 can be configured into a flashing railroad
lights
circuit.
With
the
input
divider
set
to
FDIV2:0 = 010 and RSET= 3.24M
Ω, the FOUT output
frequency is 1Hz. Refer to Figure 4. During the time
the output is HIGH, only the pull-down LED is on
while when the output is LOW, only the pull-up LED
is on. The supply voltage of the circuit is 5V.
Using the TS3005 and a Potentiometer to Dim an
LED
The TS3005 can be configured to dim an LED by
modulating the pulse width of the PWMOUT output.
With the input divider set to FDIV2:0 = 000 and
RSET=
2M
Ω, the FOUT output frequency is
approximately 100Hz (or 10ms period). Refer to
Figure 5. The CPWM capacitor was calculated using
Equation 2 with a pulse width of 8.1ms. To reduce
the pulse width from 8.1ms and in turn, dim the LED,
a 1M
Ω potentiometer is used. The potentiometer is
connected to the PWM_CNTRL pin in a voltage
divider configuration. The supply voltage of the circuit
is 5V.
.
Figure 5: TS3005 Configured to Dim an LED with a
Potentiometer
Figure 4: Flashing Railroad Lights with the TS3005


Similar Part No. - TS3005ITD1033T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3005ITD1033T TOUCHSTONE-TS3005ITD1033T Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005ITD1033TP TOUCHSTONE-TS3005ITD1033TP Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
More results

Similar Description - TS3005ITD1033T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3006 SILABS-TS3006 Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com