Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3006ITD833T Datasheet(PDF) 7 Page - Silicon Laboratories

Part # TS3006ITD833T
Description  Single Resistor Sets Output Frequency
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS3006ITD833T Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button TS3006ITD833T Datasheet HTML 2Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 3Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 4Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 5Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 6Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 7Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 8Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 9Page - Silicon Laboratories TS3006ITD833T Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TS3006
TS3006 Rev. 1.0
Page 7
THEORY OF OPERATION
The TS3006 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output frequency is given by:
FOUT (kHz)
1.08E11
RSET
Equation 1. FOUT Frequency Calculation
With an RSET = 4.32M
Ω, the output frequency is
approximately 25kHz with a 50% duty cycle. As
design aids, Tables 1 lists TS3006’s typical FOUT for
various standard values for RSET.
Connect CPWM to VDD to disable the PWM function
and in turn, save power. Connect PWM_CNTRL to
VDD for a fixed PWMOUT output pulse width, which
is determined by the CPWM pin capacitor only.
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3006’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3006’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3006’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3006’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
For
example,
if
the
instrument’s
input
probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of CEXT should
be
≤7.5pF.
TS3006 Start-up Time
As the TS3006 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 1.55V. Once the
applied VDD is higher than 1.55V, the master
oscillator achieves steady-state operation within 8ms.
RSET (M
Ω) FOUT (kHz)
0.360
300
1
108
2.49
43.37
4.32
25
6.81
15.86
9.76
11.07
12
9
Table 1: FOUT vs RSET
CEXT =
1
1
CLOAD(EFF)
-
1
CPROBE
Equation 2: External Capacitor Calculation
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.


Similar Part No. - TS3006ITD833T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3006ITD833T TOUCHSTONE-TS3006ITD833T Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3006ITD833TP TOUCHSTONE-TS3006ITD833TP Datasheet
641Kb / 9P
   A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
More results

Similar Description - TS3006ITD833T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3004 SILABS-TS3004 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3005 SILABS-TS3005 Datasheet
1Mb / 12P
   Single Resistor Sets Output Frequency
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
   Single Resistor Sets Output Frequency
logo
Token Electronics Indus...
RY31A TOKEN-RY31A Datasheet
405Kb / 5P
   High Frequency Resistor
logo
Caddock Electronics, In...
USGS-3-1110-300M-B5 CADDOCK-USGS-3-1110-300M-B5 Datasheet
342Kb / 1P
   Type USGS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
USFS-3-370-30M-B2 CADDOCK-USFS-3-370-30M-B2 Datasheet
328Kb / 1P
   Type USFS High Voltage, Ultra-Stable, Low TC Selected Resistor Sets
logo
Integrated Device Techn...
ICS853S013I IDT-ICS853S013I Datasheet
802Kb / 16P
   Output frequency
ICS8S89831I IDT-ICS8S89831I Datasheet
744Kb / 21P
   Output frequency
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com