Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9001 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # TS9001
Description  1.6V Nanopower Comparator with Internal Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS9001 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button TS9001 Datasheet HTML 2Page - Silicon Laboratories TS9001 Datasheet HTML 3Page - Silicon Laboratories TS9001 Datasheet HTML 4Page - Silicon Laboratories TS9001 Datasheet HTML 5Page - Silicon Laboratories TS9001 Datasheet HTML 6Page - Silicon Laboratories TS9001 Datasheet HTML 7Page - Silicon Laboratories TS9001 Datasheet HTML 8Page - Silicon Laboratories TS9001 Datasheet HTML 9Page - Silicon Laboratories TS9001 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS9001
Page 6
TS9001 Rev. 1.0
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5V; VEE = 0V; CL = 15pF; VOVERDRIVE = 100mV; TA = +25°C, unless otherwise noted.
Reference Voltage vs Supply Voltage
SUPPLY VOLTAGE - Volt
1.254
1.249
1.253
1.252
1.251
1.250
2.5
4.5
1.5
5.5
3.5
2
4
6
8
10
SOURCE CURRENT- nA
VCC =+1.8V
VCC =+3V, 5V
Reference Voltage vs Reference Source Current
1.260
1.252
1.246
1.240
0
1.250
1.254
1.256
1.258
1.248
1.244
1.242
SINK CURRENT- nA
VCC =+1.8V
VCC =+3V, 5V
Reference Voltage
vs Reference Sink Current
2
4
6
8
10
0
1.260
1.252
1.246
1.240
1.250
1.254
1.256
1.258
1.248
1.244
1.242
6
8
10
12
14
16
VCC =+1.8V
VCC =+5V
VCC =+3V
TEMPERATURE -
°C
Propagation Delay (tPD-) vs Temperature
-40
-15
10
35
85
60
18
20
22
24
26
28
TEMPERATURE -
°C
40
20
0
VCC =+1.8V
VCC =+5V
VCC =+3V
-40
-15
10
35
85
60
TS9001-1 Propagation Delay (tPD+) vs Temperature
60
50
30
10
70
60
40
20
0
0.01
0.1
10
100
1000
1
VCC =+1.8V
VCC =+5V
VCC =+3V
CAPACITIVE LOAD -
nF
Propagation Delay (tPD-) vs Capacitive Load
80
100
120
140
160
180
200


Similar Part No. - TS9001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS9001 TSC-TS9001 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1 TOUCHSTONE-TS9001-1 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
TS9001-1IJ5 TOUCHSTONE-TS9001-1IJ5 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results

Similar Description - TS9001

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com