Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA7887 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # TSA7887
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button TSA7887 Datasheet HTML 6Page - Silicon Laboratories TSA7887 Datasheet HTML 7Page - Silicon Laboratories TSA7887 Datasheet HTML 8Page - Silicon Laboratories TSA7887 Datasheet HTML 9Page - Silicon Laboratories TSA7887 Datasheet HTML 10Page - Silicon Laboratories TSA7887 Datasheet HTML 11Page - Silicon Laboratories TSA7887 Datasheet HTML 12Page - Silicon Laboratories TSA7887 Datasheet HTML 13Page - Silicon Laboratories TSA7887 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TSA7887
Page 10
TSA7887 Rev. 1.0
Typical Application Circuit
Figure 4 shows a typical application circuit for the
TSA7887 where the ADC’s GND pin is connected to
the analog ground plane of the system. In this
application
circuit,
the
TSA7887
has
been
configured for two-channel operation so the ADC’s
VREF is internally connected to VDD; as a result,
the analog input range on either analog input is 0V
to VDD. It is always considered good engineering
practice to bypass the ADC’s VDD with good quality
capacitors
with
short
leads
(surface-mount
components are preferred) and located a very short
distance from the ADC. The conversion result at the
DOUT pin is a 16-bit word with four leading zeros
followed by the MSB of the 12-bit conversion result.
In low-power applications, automatic-power-down-at-
the-end-of-conversion modes (PM Modes 3 or 4)
should be used to improve the ADC’s power
consumption-versus-throughput rate performance.
For additional information on the TSA7887’s four
power
management
operating
modes,
please
consult
the
Operating
Modes
section
of
the
datasheet.
Analog Input Details
An equivalent circuit of the analog input structure of
the TSA7887 is illustrated in Figure 5 where diodes
D1 and D2 serve as ESD-clamp protection for the
analog inputs. Since there are diodes from the
analog input to both VDD and GND, it is important
any forward conduction of current in D1 or D2 is
avoided. Thus, the analog input signal should never
exceed the either VDD or GND by more than
200mV. Even though the maximum current these
diodes can conduct without causing irreversible
damage to the ADC is 20mA, any small amount of
forward diode current into the substrate because of
an overvoltage condition on an unselected channel
can cause inaccurate conversion results on the
selected channel.
Attributed to parasitic package pin capacitance,
capacitor C1 in Figure 5 is typically about 1 pF.
Resistor R1 is the equivalent series resistance of the
TSA7887’s input multiplexer and input sampling
switch and is approximately 100
Ω. Capacitor C2 is
the ADC sampling capacitor and has a typical
capacitance of 10 pF.
In signal-acquisition (or ac) applications, the use of
an external R-C low-pass filter on either or both
analog inputs can be useful in removing out-of-band
high-frequency components from the analog input
signal. In applications where harmonic distortion and
signal-to-noise ratio performance are important, the
analog input(s) should be driven from a low-
impedance source. Large source impedances will
affect significantly the TSA7887’s ac performance.
To lower the driving-point impedance level may
impose the use of an input buffer amplifier. The
optimal choice for the external drive op amp will be
determined by application requirements as well as
the TSA7887’s dynamic performance.
When the analog input is not driven by an external
amplifier, the driving-point source impedance should
be low. The maximum source impedance will
depend upon the amount of total harmonic distortion
(THD) that can be tolerated in the application. THD
will increase as the source impedance increases
Figure 4: TSA7887's Typical Application Circuit.
Figure 5: TSA7887’s Analog Input Equivalent Circuit.
INPUT FREQUENCY - kHz
VDD = 5V
5V External Reference
-65
-75
-85
-90
0.2
10
30
50
20
-60
Figure 6: TSA7887 THD vs Analog Input Frequency
RIN = 50
Ω, CIN = 2.2nF
RIN = 10
Ω, CIN = 10nF
-70
-80
40


Similar Part No. - TSA7887

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARMZ TOUCHSTONE-TSA7887ARMZ Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARMZ-REEL TOUCHSTONE-TSA7887ARMZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARZ TOUCHSTONE-TSA7887ARZ Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARZ-REEL TOUCHSTONE-TSA7887ARZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Similar Description - TSA7887

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com