Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA7887ARZ Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TSA7887ARZ
Description  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887ARZ Datasheet(HTML) 2 Page - Silicon Laboratories

  TSA7887ARZ Datasheet HTML 1Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 2Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 3Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 4Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 5Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 6Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 7Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 8Page - Silicon Laboratories TSA7887ARZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TSA7887
Page 2
TSA7887 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
VDD to AGND ................................................................ −0.3V to +7V
Analog Input Voltage (AIN0, AIN1) to AGND ....
−0.3V to V
DD + 0.3V
Digital Input Voltage to AGND...........................
−0.3V to V
DD + 0.3V
Digital Output Voltage to AGND........................
−0.3V to V
DD + 0.3V
REFIN/REFOUT to AGND ................................
−0.3V to V
DD + 0.3V
Input Current to Any Pin Except Supplies1.............................±10mA
Operating Temperature Range
A, B Versions .....................................................
−40°C to +125°C
Storage Temperature Range .................................
−65°C to +150°C
Junction Temperature ........................................................... +150°C
SOIC/MSOP Package Power Dissipation .............................450mW
θ
JA Thermal Impedance .....................................157°C/W (SOIC)
205.9°C/W (MSOP)
θ
JC Thermal Impedance .......................................56°C/W (SOIC)
43.74°C/W (MSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec)........................................................ 215°C
Infrared (15 sec) ................................................................ 220°C
Pb-Free Temperature, Soldering Reflow.............................260(0)°C
ESD ............................................................................................. 4kV
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TSA7887ARZ
TS7887A
TUBE
97
TSA7887ARZ-REEL
Tape & Reel
2500
TSA7887BRZ
TS7887B
TUBE
97
TSA7887BRZ-REEL
Tape & Reel
2500
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TSA7887ARMZ
TAAV
TUBE
50
TSA7887ARMZ-REEL
Tape & Reel
2500
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.


Similar Part No. - TSA7887ARZ

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887ARZ TOUCHSTONE-TSA7887ARZ Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TSA7887ARZ-REEL TOUCHSTONE-TSA7887ARZ-REEL Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
More results

Similar Description - TSA7887ARZ

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSA7887 TOUCHSTONE-TSA7887 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
TS7001 TOUCHSTONE-TS7001 Datasheet
1Mb / 20P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Silicon Laboratories
TS7001 SILABS-TS7001 Datasheet
1Mb / 21P
   A Micropower, 2-channel, 187.5-ksps, Serial-Output 12-bit SAR ADC
logo
Analog Devices
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com