Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA622 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGA622
Description  Silicon Germanium Wide Band Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA622 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGA622 Datasheet HTML 1Page - Infineon Technologies AG BGA622 Datasheet HTML 2Page - Infineon Technologies AG BGA622 Datasheet HTML 3Page - Infineon Technologies AG BGA622 Datasheet HTML 4Page - Infineon Technologies AG BGA622 Datasheet HTML 5Page - Infineon Technologies AG BGA622 Datasheet HTML 6Page - Infineon Technologies AG BGA622 Datasheet HTML 7Page - Infineon Technologies AG BGA622 Datasheet HTML 8Page - Infineon Technologies AG BGA622 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BGA622
Data Sheet
5
2002-09-13
Maximum Ratings
Note: All Voltages refer to GND-Node
Electrical Characteristics at T
A=25°C (measured according to fig. 1)
Parameter
Symbol
Value
Unit
Voltage at pin Vcc
V
cc
3.5
V
Voltage at pin Out
V
OUT
4V
Current into pin In
I
IN
0.1
mA
Current into pin Out
I
OUT
1mA
Current into pin Vcc
I
Vcc
10
mA
RF input power
P
IN
6dBm
Total power dissipation, T
S < 139 °C
1)
1)
T
S is measured on the ground lead at the soldering point
P
tot
35
mW
Junction temperature
T
j
150
°C
Ambient temperature range
T
A
-65 ... +150
°C
Storage temperature range
T
STG
-65 ... +150
°C
Thermal resistance: junction-soldering point
R
th JS
300
K/W
Vcc=2.75 V, Frequency=1.575 GHz, unless otherwise specified
Parameter
Symbol
min.
typ.
max.
Unit
Insertion power gain
|S
21|
2
14.8
dB
Insertion power gain (Off-State)
|S
21|
2
-24
dB
Input Return Loss (On-State)
RL
IN
6dB
Output Return Loss (On-State)
RL
OUT
12
dB
Noise Figure (Z
S=50W)
F
50
W
1.05
dB
Input Third Order Intercept Point
1) (On-State)
Df=1MHz, PIN=-28dBm
1)
IP3 value depends on termination of all intermodulation frequency components. Termination used for this
measurement is 50
W from 0.1 to 6 GHz
IIP
3
0dBm
Input Third Order Intercept Point
1) (Off-State)
Df=1MHz, PIN=-8dBm
IIP
3
18
dBm
Input Power at 1dB Gain Compression
P
-1dB
-16.5
dBm
Total Device Off Current, V
CC=2.75V,
V
out=VCC
I
tot-off
260
µA
Total Device On Current, V
CC=2.75V
I
tot-on
5.8
mA


Similar Part No. - BGA622

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622GPS INFINEON-BGA622GPS Datasheet
110Kb / 6P
   GPS Low Noise Amplifier using BGA622
2002-02-07
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622 INFINEON-BGA622_08 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
More results

Similar Description - BGA622

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA628L7 INFINEON-BGA628L7 Datasheet
1Mb / 16P
   Silicon Germanium Wide Band Low Noise Amplifier
Revision 1.1, 2009-12-17
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622 INFINEON-BGA622_08 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
logo
NEC
UPG100B NEC-UPG100B Datasheet
57Kb / 4P
   LOW NOISE WIDE-BAND AMPLIFIER
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com